Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32CUBEL4 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STM32CUBEL4
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32CUBEL4 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STM32CUBEL4 Datasheet HTML 22Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 23Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 24Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 25Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 26Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 27Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 28Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 29Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Demonstration firmware settings
UM1919
26/37
DocID028080 Rev 1
5.2
Peripherals
The following peripherals are used in the demonstration firmware:
5.3
Interrupts / wakeup pins
The following interrupts are used in the demonstration firmware:
Table 7. Used peripherals
Used peripherals
Application/module
ADC
VDD application
CRC
Audio applications
DFSDM
Audio record applications
DMA
Audio player and record applications
EXTI
Menu navigation + joystick + low-power mode + audio applications
FLASH
Storage in Audio player application
System settings
Low-power mode application
GPIO
All applications
I2C
Low-power mode application
IWDG
Internal Watchdog (FW reset in case of error)
LCD
LCD glass display
PWR
Low-power mode application
RCC
All applications
QSPI
Audio player and record applications
SAI
Audio applications
SPI
Compass application
Table 8. Demonstration firmware interrupts
Interrupts
Application/module
Priority, SubPriority
(highest=0, 0)
DMA1 Channel1
Audio applications (SAI1)
5, 0
DMA1 Channel4
Audio applications (DFSDM0)
6, 0
EXTI Line 0
Joystick SEL key
15, 0
EXTI Line 1
Joystick LEFT key
15, 0
EXTI Line 2
Joystick RIGHT key
15, 0
EXTI Line 3
Joystick UP key
15, 0
EXTI Line 5
Joystick DOWN key
15, 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com