Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32CUBEL4 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM32CUBEL4
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32CUBEL4 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM32CUBEL4 Datasheet HTML 16Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 17Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 18Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 19Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 20Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 21Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 22Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 23Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Demonstration functional description
UM1919
20/37
DocID028080 Rev 1
4.4.4
Audio player
Overview
The audio player module application allows to demonstrate the audio capability of the
STM32L476VGT6 MCU with earphones plugged in the 3.5mm audio output jack mounted
on the STM32L476G discovery board.
Figure 14. Audio player application menu selection
Features
•
Audio is played in .wav format.
•
The audio file selection is done either from the internal Flash memory or Quad-SPI
Flash memory:
–
Internal Flash memory: Download file at address 0x08020000 with ST-Link Utility
–
Quad-SPI Flash memory: Audio source available after execution of the audio
Record application
•
Volume up/down is controlled with the joystick UP/DOWN keys.
•
Playback may be paused/resumed with the joystick SEL key.
Architecture
Figure 15 shows the different audio player parts and their connections and interactions with
the external components.
Figure 15. Audio player architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com