Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5300 Datasheet(PDF) 65 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 65 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 61Page - WIZnet Co., Ltd W5300 Datasheet HTML 62Page - WIZnet Co., Ltd W5300 Datasheet HTML 63Page - WIZnet Co., Ltd W5300 Datasheet HTML 64Page - WIZnet Co., Ltd W5300 Datasheet HTML 65Page - WIZnet Co., Ltd W5300 Datasheet HTML 66Page - WIZnet Co., Ltd W5300 Datasheet HTML 67Page - WIZnet Co., Ltd W5300 Datasheet HTML 68Page - WIZnet Co., Ltd W5300 Datasheet HTML 69Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
65
Pn_BRDYR0
15
14
13
12
11
10
9
8
0x08060 + 4n
-
-
-
-
-
-
-
-
0x060 + 4n
0
0
0
0
0
0
0
0
Pn_BRDYR1
7
6
5
4
3
2
1
0
0x08061
PEN
PMT
PPL
-
-
SN2
SN1
SN0
0x061
0
0
1
0
0
0
0
0
Pn_BRDYR(7:0)/Pn_BRDYR1(7:0)
Bit
Symbol
Description
7
PEN
PIN “BRDYn” Enable
0 : Disable BRDYn
1 : Enable BRDYn
When using PIN "BRDYn", set it as "1".
6
PMT
PIN Memory Type
0 : RX memory
1 : TX memory
It sets the type of SOCKET memory to monitor.
5
PPL
PIN Polarity
0 : Low sensitive
1 : High sensitive
When Free/Received buffer size of TX/RX memory is same or bigger than
Pn_DPTHR, set the logic level of PIN "BRDYn" to be signaled to the host.
4
-
Reserved
3
-
Reserved
2
SN2
SOCKET Number
Set the SOCKET number to monitor through PIN "BRDYn".
SN2
SN1
SN0
SN2
SN1
SN0
7
1
1
1
3
0
1
1
6
1
1
0
2
0
1
0
5
1
0
1
1
0
0
1
4
1
0
0
0
0
0
0
1
SN1
0
SN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com