Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5300 Datasheet(PDF) 82 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 82 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 78Page - WIZnet Co., Ltd W5300 Datasheet HTML 79Page - WIZnet Co., Ltd W5300 Datasheet HTML 80Page - WIZnet Co., Ltd W5300 Datasheet HTML 81Page - WIZnet Co., Ltd W5300 Datasheet HTML 82Page - WIZnet Co., Ltd W5300 Datasheet HTML 83Page - WIZnet Co., Ltd W5300 Datasheet HTML 84Page - WIZnet Co., Ltd W5300 Datasheet HTML 85Page - WIZnet Co., Ltd W5300 Datasheet HTML 86Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
82
Sn_MSSR (SOCKETn Maximum Segment Size Register) [R/W]
[0x08218+0x40n/0x218+0x40n] [0x0000]
It sets MTU(Maximum Transfer Unit) of SOCKETn or notifies MTU that is already set.
If the host does not set the Sn_MSSR, it is set as default MTU.
It just supports
TCP or UDP mode. When using PPPoE (MR(PPPoE)=‘1’), the MTU of TCP or
UDP mode is assigned in the range of MTU of PPPoE.
At the IPRAW or MACRAW, MTU is not processed internally, but default MTU is used. Therefore,
when transmitting the data bigger than default MTU, the host should manually divide the data
into the unit of default MTU.
At the TCP or UDP mode, if transmitting data is bigger than MTU, W5300 automatically divides
the data into the unit of MTU.
MTU is called as MSS at the TCP mode. By selecting from Host-Written-Value and peer's MSS,
MSS is set as smaller value through TCP connection process.
At the UDP mode, there is no connection-process of TCP mode, and Host-Written-Value is just
used. When communicating with the peer having different MTU, W5300 is able to receive
ICMP(Fragment MTU) packet. In this case, IR(FMTU) becomes '1', and the host can acquire the
fragment MTU and destination IP address through FMTUR and UIPR respectively. In case of
IR(FMTU)='1', the UDP communication with the peer, is not possible. So, you should close the
SOCKET, set FMTU as Sn_MSSR and retry the communication with OPEN command.
Mode
Normal
(MR(PPPoE)=‘0’)
PPPoE
(MR(PPPoE)=‘1’)
Default MTU
Range
Default MTU
Range
TCP
1460
1 ~ 1460
1452
1 ~ 1452
UDP
1472
1 ~ 1472
1464
1 ~ 1464
IPRAW
1480
1472
MACRAW
1514
Ex) Sn_MSSR = 1460 (0x05B4)
Sn_MSSR(0x08218+0x40n/0x218+0x040n)
Sn_MSSR0(0x08218+0x40n/0x218+0x040n)
Sn_MSSR1(0x08219+0x40n/0x219+0x040n)
0x05
0xB4
Sn_KPALVTR(SOCKETn Keep Alive Time Register)[R/W]
[0x0821A+0x40n/0x21A+0x40n][0x00]
It is 1 byte register that sets transmitting timer of KEEP ALIVE(KA) packet of SOCKETn. It is
valid only in TCP mode, and ignored in other modes. The unit is 5s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com