Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5300 Datasheet(PDF) 70 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 70 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 66Page - WIZnet Co., Ltd W5300 Datasheet HTML 67Page - WIZnet Co., Ltd W5300 Datasheet HTML 68Page - WIZnet Co., Ltd W5300 Datasheet HTML 69Page - WIZnet Co., Ltd W5300 Datasheet HTML 70Page - WIZnet Co., Ltd W5300 Datasheet HTML 71Page - WIZnet Co., Ltd W5300 Datasheet HTML 72Page - WIZnet Co., Ltd W5300 Datasheet HTML 73Page - WIZnet Co., Ltd W5300 Datasheet HTML 74Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
70
2
P2
Symbol
P3
P2
P1
P0
Meaning
Sn_MR_CLOSE
0
0
0
0
Closed
Sn_MR_TCP
0
0
0
1
TCP
Sn_MR_UDP
0
0
1
0
UDP
Sn_MR_IPRAW
0
0
1
1
IP RAW
S0_MR_MACRAW
0
1
0
0
MAC RAW
S0_MR_PPPoE
0
1
0
1
S0_MR_MACRAW and S0_MR_PPPoE are valid only in SOCKET0.
S0_MR_PPPoE
is
temporarily
used
for
PPPoE
server
connection/termination. After PPPoE connection is established, it can be
used as another protocol.
1
P1
0
P0
Sn_CR (SOCKETn Command Register) [R/W] [0x08202+0x40n/0x202+0x40n] [0x--00]
It sets command type such as open, close, connect, listen, send, recv for SOCKETn. When
W5300 detects any command, Sn_CR is automatically cleared to 0x00. Even though Sn_CR is
cleared to 0x00, the command can be still performing. It can be checked by Sn_IR or Sn_SSR if
command is completed or not.
Sn_CR(0x08202+0x40n/0x202+0x40n)
Sn_CR0(0x08202+0x40n/0x202+0x40n)
Sn_CR1(0x08203+0x40n/0x203+0x40n)
Reserved
Command
Sn_CR(7:0)/Sn_CR1(7:0)
Value
Command
Description
0x01
OPEN
It initializes SOCKETn and opens according to protocol type set in
Sn_MR(P3:P0).
Below is the value change of Sn_SSR according to Sn_MR(P3:P0)
Sn_MR(P3:P0)
Sn_SSR
Sn_MR_CLOSE
-
Sn_MR_TCP
SOCK_INIT
Sn_MR_UDP
SOCK_UDP
Sn_MR_IPRAW
SOCK_IPRAW
S0_MR_MACRAW
SOCK_MACRAW
S0_MR_PPPoE
SOCK_PPPoE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com