Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5300 Datasheet(PDF) 20 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 20 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 16Page - WIZnet Co., Ltd W5300 Datasheet HTML 17Page - WIZnet Co., Ltd W5300 Datasheet HTML 18Page - WIZnet Co., Ltd W5300 Datasheet HTML 19Page - WIZnet Co., Ltd W5300 Datasheet HTML 20Page - WIZnet Co., Ltd W5300 Datasheet HTML 21Page - WIZnet Co., Ltd W5300 Datasheet HTML 22Page - WIZnet Co., Ltd W5300 Datasheet HTML 23Page - WIZnet Co., Ltd W5300 Datasheet HTML 24Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
20
1.6 Network Indicator LED Signals
The signals except for LINKLED, are used as multi-function PIN according to the configuration
of TEST_MODE[3:0]. When using those signals as network indicator signals, internal PHY
mode(TEST
_MODE[3:0]=”0000”) should be configured.
Symbol
Type
Description
LINKLED
OL
Link LED
It indicates the link status of media(10/100M).
<Notice> When /RESET is low, LINKLED goes to low (i.e. turn
off). But in case that the
“Internal PHY operation control mode”
is configured as
“Manual selection of 100 BASE-TX
FDX/HDX
” (OP_MODE[2:0] = “1xx”), LINKLED stays at the
previous link status before /RESET is low.
After /RESET goes to high, then it indicates the link status of
media(10/100M) properly.
/TXLED(MII_TXEN)
OML
Transmit activity LED/Transmit Enable
It notifies the output of transmit data through TXOP/TXON
(Transmit Activity).
/RXLED(MII_TXD3)
OML
Receive activity LED/Transmit Data
It notifies the input of receive data from RXIP/RXIN (Receive
Activity)
cf> By binding /TXLED and /
RXLED signals with ‘AND’ gate, it
can be used for network activity LED.
/COLLED(MII_TXD2)
OML
Collision LED/Transmit Data
It notifies when collisions occur.
It is valid at half-duplex, and is ignored at full-duplex.
/FDXLED(MII_TXD1)
OML
Full duplex LED/Transmit Data
It outputs low at the full-duplex and outputs high at the half-
duplex according to auto-negotiation or manual configuration
of OP_MODE[2:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com