Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5300 Datasheet(PDF) 21 Page - WIZnet Co., Ltd

Part # W5300
Description  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 Datasheet(HTML) 21 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 17Page - WIZnet Co., Ltd W5300 Datasheet HTML 18Page - WIZnet Co., Ltd W5300 Datasheet HTML 19Page - WIZnet Co., Ltd W5300 Datasheet HTML 20Page - WIZnet Co., Ltd W5300 Datasheet HTML 21Page - WIZnet Co., Ltd W5300 Datasheet HTML 22Page - WIZnet Co., Ltd W5300 Datasheet HTML 23Page - WIZnet Co., Ltd W5300 Datasheet HTML 24Page - WIZnet Co., Ltd W5300 Datasheet HTML 25Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
21
/SPDLED(MII_TXD0)
OML
Link speed LED/Transmit Data
It is asserted low at the 100Mbps and high at the 10Mbps
according to auto-negotiation or manual configuration of
OP_MODE[2:0].
1.7 Clock Signals
For the clock source of W5300, either a crystal or an oscillator may be used. 25MHz frequency
from the clock source is created to 150MHz frequency using internal PLL logic. This 150MHz
frequency is used for PLL_CLK(Period 6.67ns) and W5300 core operation clock.
Symbol
Type
Description
XTLP
25MHz crystal input/output
25MHz parallel-resonant crystal is used with matching capacitor for internal
oscillator stabilization.
Refer to
“Clock Characteristic” of “7.Electrical Specifications”
These can be used for i
nternal PHY mode(TEST_MODE[3:0]=”0000”) or
external PHY m
ode with crystal clock (TEST_MODE[3:0]=”0001”).
When using oscillator at the internal PHY mode, be sure to use 1.8V level
oscillator and connect only to XTLP. And let be float XTLN.
XTLN
OSC25I
I
25MHz Oscillator input
It
is
used
only
in
external
PHY
mode
with
oscillator
clock
(TEST_MODE[3:0]=”0010”). In order to prevent the leakage current, be
sure to keep XTLP high and float XTLN, and use 1.8v level oscillator.
1.8 Power Supply Signals
Symbol
Type
Description
VCC3A3
Power
3.3V power supply for Analog part
Be sure to connect 10uF tantalum capacitor between VCC343 and
GNDA in order to prevent power compensation.
VCC3V3
Power
3.3V power supply for Digital part
Between each VCC and GND, 0.1uF decoupling capacitor can be
selectively connected. VCC3V3 can be separated to 1uH ferrite
bead and connected to VCC3A3.
VCC1A8
Power
1.8V power supply for Analog part
Be sure to connect a 10uF tantalum capacitor and 0.1uF capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com