Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP1108-R Datasheet(PDF) 2 Page - Sensirion AG Switzerland

Part # SDP1108-R
Description  Low Differential Pressure Sensor with fast response time
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SDP1108-R Datasheet(HTML) 2 Page - Sensirion AG Switzerland

  SDP1108-R Datasheet HTML 1Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 2Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 3Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 4Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 5Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 6Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 7Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.sensirion.com
Version 2.1- August 2016
2/7
1 Sensor Output Characteristics1
The SDP1108-R provides a fully calibrated voltage
output. To enhance the sensitivity at very low
differential pressures, the SDP1108-R comes with a
root-square output characteristic.
500
75
.
3
25
.
0
_
]
[
Press.
Diff.
2
V
V
Voltage
Output
Pa
Use this formula to convert the sensor output into
physical value.
1Calibration conditions apply unless otherwise noted: 23°C and pabsolute = 966 mbar, dry air, VDD = 5.000 V.
2 Specifications
Table 1: SDP1108-R Sensor specifications1
Parameter
SDP1108-R
Unit
Min
Typ
Max
Measurement range
0.25
-
4
Volts
0
-
500
Pa
0
-
2
Inch water
Accuracy3
20% FS to 100% FS
-
1.0
2.0
% Measured Value4
0 to 20% FS
-
0.2
0.4
% Full Span5
zero2
-
15
0.01
40
0.06
mV
Pa
Repeatability
100 to 500 Pa
-
0.3
1.0
% Measured Value
0 to 100 Pa
-
0.05
0.2
% Full Span5
Null drift per year6
-
0
0.1
Pa / year
Additional error over
temperature7 (T ≠ 23°C)
0 to 100 % FS
-
0.03
0.05
% Measured Value4 / °C
zero
-
1
2
mV/°C
Response time(8)
6.6
8.0
10.1
ms
Cut off frequency of internal filter
17
20
24
Hz
1 Calibration conditions apply unless otherwise noted: 23°C and pabsolute = 966 mbar, dry air, VDD = 5.000 V
2 Variance between the zero point (offset) of different sensors measured under the same conditions (e.g. same supply voltage, temperature, …)
3 Include deviations due to linearity, hysteresis, and repeatability
4 % Measured value = (SDP1108-R output [Pa] - output of reference instrument [Pa]) / output of reference instrument [Pa].
5 Full span is defined as 3750 mV / 500 Pa for SDP1108-R
6 Drift over time due to aging, pressure cycles… Test results can be provided.
7 The additional error due to temperature variation is temporary. Once the sensor is back to the calibration temperature, the shift disappears
(no hysteresis).
8 Tau= 0 to 63%, filter response time = 8ms.
SDP1108-R
0.25
0.75
1.25
1.75
2.25
2.75
3.25
3.75
0
20
40
60
80
100
differential pressure [% FS]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com