Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP1108-R Datasheet(PDF) 3 Page - Sensirion AG Switzerland

Part # SDP1108-R
Description  Low Differential Pressure Sensor with fast response time
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SDP1108-R Datasheet(HTML) 3 Page - Sensirion AG Switzerland

  SDP1108-R Datasheet HTML 1Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 2Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 3Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 4Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 5Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 6Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 7Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.sensirion.com
Version 2.1 – November 2016
3/7
Table 2: Additional sensor specifications.
Parameter
Media Calibration1
Air, N2 – for other gases contact Sensirion AG.
Media Compatibility
Air, N2, O2
Operating Conditions2:
- Temperature
- Humidity
-10 °C … +60 °C / 14°F … 140 °F
non-condensing
Ambient storage conditions3
-40 °C … +80 °C / -40°F … 176 °F
Orientation sensitivity
below zero point accuracy
Admissible overpressure (short term)
1 bar (14.5 PSI)
Burst Pressure Capability
2 bar (29 PSI)
Weight
14 g
Protection Class
IP 20
Wetted materials
Glass (silicon nitride, silicon oxide), Silicon, PPS (Polyphenylene Sulfide),
PEEK (Polyetheretherketone), FR4, Silicone as static sealing, Epoxy, Gold
Electromagnetic compatibility
EN 61000-4-2
Air discharge (ESD)
 2 kV
Lead free
Reach and RoHS compliant.
1
Sensors are calibrated for a specific gas, please contact Sensirion when you employ different gases than the specified.
2Condensation of liquids or dust on the sensor membrane might lead to sensor offset.
3For maximum 2 weeks
2.1 Temperature Compensation
The SDP1108-R differential pressure sensor features a
sophisticated built-in temperature compensation circuit.
The temperature is measured on the CMOSens® chip by
means of a PTAT bandgap reference temperature
sensor. Its data is fed into a compensation circuit which
is also integrated on the CMOSens® sensor chip. No
external temperature compensation is therefore required.
2.2 Altitude Correction
The SDP1108-R differential pressure sensor achieves its
unsurpassed performance by using a dynamic
measurement principle: An applied differential pressure
forces a small air flow through the SDP1108-R, which
measures this air flow.
The sensor signal is dependent on the ambient air
density. The temperature effect on density is
compensated by internal intelligence (see Paragraph
2.1). Effects on density due to a change of ambient
pressure, typically a change of altitude above sea level,
can be compensated using a correction factor according
to the following equation:
Dpeff = Dpsensor * Pcal / Pamb
Where Dpeff is the effective differential pressure, Dpsensor
the differential pressure indicated by the SDP1108-R, Pcal
the absolute pressure during calibration (966 mbar) and
Pamb the actual ambient absolute pressure.
This leads to the following correction factors:
Table 3: Altitude correction factors.
Altitude
[meter]
Ambient
Pressure
(Pamb) [mbar]
Correction Factor
Pcal / Pamb
0
1013
0.95
250
984
0.98
425
966
1.00
500
958
1.01
750
925
1.04
1500
842
1.15
2250
766
1.26
3000
697
1.38
Example:
The SDP1108-R is used at 750 m above sea level.
The output of the SDP1108-R shows 0.5 V, which
corresponds to Dpsensor = 33.3 Pa. Taking into account
the correction factor Pcal / Pamb = 1.04 the effective
differential pressure Dpeff is 33.3 Pa * 1.04 = 34.6 Pa.
Note:
In many medical and HVAC applications such as filter
monitoring, fan/ventilator control or air flow
measurement the described effect is actually
welcome since at the end the mass flow and not
volume flow is the effective value to control.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com