Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP1108-R Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # SDP1108-R
Description  Low Differential Pressure Sensor with fast response time
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SDP1108-R Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  SDP1108-R Datasheet HTML 1Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 2Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 3Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 4Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 5Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 6Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 7Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.sensirion.com
Version 2.1 – November 2016
1/7
Datasheet SDP1108-R
Low Differential Pressure Sensor
with fast response time
− For medical ventilators (ICU and home care)
− High sensitivity below 10 Pa to measure small volume flow (neonatal)
− Fast response time for efficient trigger function
− Unsurpassed performance thanks to CMOSens® technology
− Offset and hysteresis free
− Fully calibrated and temperature compensated
− Not sensitive to the mounting orientation and vibrations
SDP1108-R Product Summary
The SDP1108-R sensor is a differential pressure sensor
for air based on the successful SDP1000 sensor from
Sensirion. The response time of the SDP1108-R has
been optimized for medical ventilation applications.
Mounted in a rugged, chemically inert PPS housing the
SDP1108-R differential pressure sensors feature a unique
dynamic range, zero offset and unsurpassed long term
stability. This makes it an ideal fit for demanding yet cost
sensitive OEM applications in medical and HVAC
equipment.
The SDP1108-R is supplied with 5.0 V and provides a
0.25…4.0 V output. Although the output of the sensor is
analog, the internal linearization and temperature
compensation is performed digitally. This results in a
superior accuracy, outstanding resolution (up to 0.05 Pa),
and lowest temperature dependence.
Its leading performance is based on Sensirion’s proprietary
CMOSens® sensor technology which combines the sensor
element with amplification and A/D conversion on one
single silicon chip. The differential pressure is measured by
a thermal sensing element. In contrast to other thermal
differential pressure sensors only a very small amount of
air is required. This leads to a reliable operation even
under harsh conditions. In comparison to membrane and
piezo-resistive based sensors the SDP1108-R differential
pressure sensors show an extended measurement range,
better offset stability and improved reproducibility even at
lowest pressure ranges. In addition the SDP1108-R is
robust against pressure bursts and shows no sensitivity to
the mounting orientation.
Applications
Medical applications:
 Homecare ventilation
 Intensive care ventilation (ICU)
Block Diagram
CMOSens®
SENSOR CHIP
Pin 1:
VDD 5.0 V
Pin 3: OUT
0.25 V to 4 V
Pin 2:
GND


Similar Part No. - SDP1108-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP1100Q38B LITTELFUSE-SDP1100Q38B Datasheet
139Kb / 5P
This new SIDACtor짰 Series provides overvoltage protection
SDP1100Q38CB LITTELFUSE-SDP1100Q38CB Datasheet
912Kb / 5P
SIDACtor Protection Thyristors
SDP1100Q38CB LITTELFUSE-SDP1100Q38CB Datasheet
156Kb / 5P
This new SDP Biased series provides overvoltage protection for applications
More results

Similar Description - SDP1108-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGB1010603NRHF LITTELFUSE-PGB1010603NRHF Datasheet
466Kb / 4P
Low leakage current, Fast response time
logo
Everlight Electronics C...
EAPDST6048A0 EVERLIGHT-EAPDST6048A0 Datasheet
389Kb / 9P
Fast response time
EAITRAA0 EVERLIGHT-EAITRAA0 Datasheet
447Kb / 7P
Fast response time
10.18.2013
EAITRCA5 EVERLIGHT-EAITRCA5 Datasheet
305Kb / 7P
Fast response time
10.18.2013
EAITRCA7 EVERLIGHT-EAITRCA7 Datasheet
343Kb / 8P
Fast response time
10.18.2013
EAITRCA8 EVERLIGHT-EAITRCA8 Datasheet
376Kb / 9P
Fast response time
10.18.2013
EAITRCA6 EVERLIGHT-EAITRCA6 Datasheet
319Kb / 7P
Fast response time
10.18.2013
EAITRCA9 EVERLIGHT-EAITRCA9 Datasheet
377Kb / 9P
Fast response time
10.18.2013
logo
Shanghai Leiditech Elec...
3R-5 LEIDITECH-3R-5 Datasheet
1Mb / 4P
Extremely fast response time
logo
E+E Elektronik Ges.m.b....
EE610 EPLUSE-EE610 Datasheet
1Mb / 8P
Low Differential Pressure Sensor
03-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com