Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP1108-R Datasheet(PDF) 5 Page - Sensirion AG Switzerland

Part # SDP1108-R
Description  Low Differential Pressure Sensor with fast response time
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SDP1108-R Datasheet(HTML) 5 Page - Sensirion AG Switzerland

  SDP1108-R Datasheet HTML 1Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 2Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 3Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 4Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 5Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 6Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 7Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.sensirion.com
Version 2.1 – November 2016
5/7
3.3 Connecting Hose
Sensirion recommends a hose with an inner diameter
of 3.18 to 3.8mm (1/8 to 3/20 inch). Due to the dynamic
measurement principle, a small air flow is required
(Figure 3) which leads to a dependence on the length
of the hose (Table 4). Tubes up to 1 m show less than
2 % error of the measured value (Table 4).
Figure 3: Typical air flow through the SDP1108-R. Please note:
1 scc/min = 1 cm3/min at 0°C and 1013 mbar pressure
(1 sccm = 0.001 norm liter).
Table 4: Influence of the length of the connecting hose on
the accuracy (using 4 mm inner diameter). Deviation is
given in % of the measured value. Example SDP1108-R: a
500 Pa difference pressure is shown as 492.5 Pa when
using 1 m tube with 4 mm inner diameter.
Table 5: Maximum flow through the sensor element.
SDP1108-R
Mass flow through sensor element:
123 sccm (@ 500 Pa)
4 Electrical Specifications
4.1 Power Supply
The SDP1108-R differential pressure sensor requires a
stable voltage supply of 5.0 V. The requirements for the
electrical supply are specified in Table 6.
4.2 Voltage Output
The SDP1108-R features a voltage output from 0.25 V
to 4.0 V. An output voltage below 0.25 V indicates a
negative differential pressure (not calibrated).
The resistive load at the output pin should be larger
than 20 kOhm. The capacitive load at the output pin
must not be larger than 200 pF. If the design shows a
larger capacity at the output pin an additional resistor is
required in series at the output (e.g. 620 Ohm).
Table 6: SDP1108-R electrical characteristics.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supply Voltage VDD
4.75
5.0
5.25
VDC
Operating Current
5 V, no load, zero flow
5.1
6
mA
Output capacitive load Cload
20
200
pF
Recommended load Rload
20
100
k
Hose length
SDP1108-R
@FS
@0.5 FS
0.5 m (20 inch) -0.75%
-0.95%
1.0 m (40 inch) -1.5%
-1.9%
2.0 m (80 inch) -3.0%
-3.8%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com