Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDP1108-R Datasheet(PDF) 4 Page - Sensirion AG Switzerland

Part # SDP1108-R
Description  Low Differential Pressure Sensor with fast response time
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SDP1108-R Datasheet(HTML) 4 Page - Sensirion AG Switzerland

  SDP1108-R Datasheet HTML 1Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 2Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 3Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 4Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 5Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 6Page - Sensirion AG Switzerland SDP1108-R Datasheet HTML 7Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.sensirion.com
Version 2.1 – November 2016
4/7
3 Physical Dimensions and Mounting Information
3.1 Housing
The SDP1108-R differential pressure sensor is mounted
in chemically inert PPS housing. The rugged package
has
been
designed
to
withstand
continuous
overpressures of at least 1 bar (14.5 PSI). Burst pressure
is > 2 bar (29 PSI)
The physical dimensions and mounting information is
given in Figure 1 and 2.
Figure 1: Pin out and physical dimensions in mm (inch). The
drawing is not to scale.
Figure 2: SDP1108-R PCB footprint. The drawing is
not to scale.
3.2 Soldering Instructions
The SDP1108-R differential pressure sensor can be
wave soldered. Direct reflow soldering is not
recommended since it may affect the accuracy.
If reflow soldering is required Sensirion recommends to
use an SMD connector (e.g. type Samtec SSM-103-L-
SV) and to mount the SDP1108-R after soldering.
3)
22.1
(0.870)
Dim. [mm]
[inch]
[mil]
A
3.00
0.118
118
B
3.30
0.130
130
C
1.20
0.047
47
D
10.20
0.402
402
E
28.20
1.110
1110
F
2.54
0.100
100
G
0.60
0.024
24
H
0.50
0.020
20
I
22.70
0.894
894
Pin#
Function
1
VDD (5 Vdc)
2
Ground
3
OUT (0.25…4 Vdc)
18.3
(0.720)
30.5
(1.200)
5.2
(0.205)
13.1
(0.516)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com