Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AKFW311-R Datasheet(PDF) 20 Page - IDEC Corporation

Part # AKFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AKFW311-R Datasheet(HTML) 20 Page - IDEC Corporation

Back Button AKFW311-R Datasheet HTML 16Page - IDEC Corporation AKFW311-R Datasheet HTML 17Page - IDEC Corporation AKFW311-R Datasheet HTML 18Page - IDEC Corporation AKFW311-R Datasheet HTML 19Page - IDEC Corporation AKFW311-R Datasheet HTML 20Page - IDEC Corporation AKFW311-R Datasheet HTML 21Page - IDEC Corporation AKFW311-R Datasheet HTML 22Page - IDEC Corporation AKFW311-R Datasheet HTML 23Page - IDEC Corporation AKFW311-R Datasheet HTML 24Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
715
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Non-Illuminated Selector Switches (Sub-Assembled)
Contact Blocks
+
Operator
+
Knob or Lever*
+
Color Insert*
=
Complete Part†
1. *Not needed with key type switches.
2. †Knob type shown.
Operators
Style
Positions
Description
Part Number
Knob/Lever
2
Maintained
ASW200
Spring return from right
ASW2100
Spring return from left
ASW2200
3
Maintained, Cam 1
Maintained, Cam 2
Maintained, Cam 3
ASW300-1
ASW300-2
ASW300-3
Spring return from right, Cam 1
Spring return from right, Cam 2
ASW3100-1
ASW3100-2
Spring return from left, Cam 1
Spring return from left, Cam 2
ASW3200-1
ASW3200-2
Spring return from left/right, Cam 1
Spring return from left/right, Cam 2
ASW3300-1
ASW3300-2
4
Maintained, Standard Cam
Maintained, Cam 1
ASW400
ASW400-1
5
Maintained, Standard cam
Maintained, Cam 1
ASW500
ASW500-1
Key
2
Maintained
ASW2K00
Spring return from right
ASW21K00
Spring return from left
ASW22K00
3
Maintained, Cam 1
Maintained, Cam 2
Maintained, Cam 3
ASW3K00-1
ASW3K00-2
ASW3K00-3
Spring return from right, Cam 1
Spring return from right, Cam 2
ASW31K00-1
ASW31K00-2
Spring return from left, Cam 1
Spring return from left, Cam 2
ASW32K00-1
ASW32K00-2
Spring return from left/right, Cam 1
Spring return from left/right, Cam 2
ASW33K00-1
ASW33K00-2
1. Two keys are supplied with every key switch, all are keyed alike, and removable from any maintained position.
2. Locking rings are included with all operators. Order knobs, levers, and color inserts separately.
3. Different cams produce different contact actions. For details, see page 720.
4. Key switch operator supplied with black sleeve.
Handles and Inserts
Style
Part Number
Knob
ASWHHY-j
Lever
ASWHHL-j
Color
Insert
TW-HC1-j
Contact Blocks
Style
Contacts
1NO
1NC
Finger-
Safe
Spring-Up
Terminal
HW-U10-F
HW-U01-F
HW-U10R-F
(early make)
HW-U01R-F
(late break)
Dummy
Block
HW-DB
1. Push rod color code:
Green = NO contact block
Red = NC contact block.
2. Dummy blocks (no contacts) are used with an odd
number of contact blocks.
j
Handle/Insert Color Codes
Color
Code
Black*
B
Blue
S
Green
G
Red
R
Yellow
Y
White†
W
*Color inserts not available in black.
†
Knob and lever not available in white.
Replacement Parts
Key Switch Black Sleeve
AKW2B-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com