Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AKFW311-R Datasheet(PDF) 33 Page - IDEC Corporation

Part # AKFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AKFW311-R Datasheet(HTML) 33 Page - IDEC Corporation

Back Button AKFW311-R Datasheet HTML 29Page - IDEC Corporation AKFW311-R Datasheet HTML 30Page - IDEC Corporation AKFW311-R Datasheet HTML 31Page - IDEC Corporation AKFW311-R Datasheet HTML 32Page - IDEC Corporation AKFW311-R Datasheet HTML 33Page - IDEC Corporation AKFW311-R Datasheet HTML 34Page - IDEC Corporation AKFW311-R Datasheet HTML 35Page - IDEC Corporation AKFW311-R Datasheet HTML 36Page - IDEC Corporation AKFW311-R Datasheet HTML 37Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
728
www.IDEC.com
1904032203
Accessories
TW Series Accessories
Item
Appearance
Description/Usage
Part Number
Lamp Removal Tool
Rubber tool used to install or remove LED’s
OR-55
Contact Block Remover
Used to remove contact blocks, transformers, lenses, and adaptors. Can also be used
to
determine panel thickness adjustment.
TW-KC1
Nut Locking Wrench
Used in OR-14 locking wrench to tighten locking nuts inside square bezel
TW-KQ2
Metal Bezel
Chrome plated bezels
tighten onto operator
(replacement for
damaged bezels)
Standard octagonal units (chrome-pl.)
AW-R8
Full shroud octagonal units (chrome-pl.)
AW-RF8
Full shroud mushroom head units Ø 40mm
AW-G4
Plastic Bezel
Black plastic bezels for
square buttons
(replacement for
damaged bezels)
Round flush units (black plastic)
AW-RP1B
Round extended units (black plastic)
AW-FP1B
Square units (black plastic)
AW-Q1B
Square units with full shroud (black plastic)
AW-QF1B
Boot/Cover
Used to cover and protect
pushbuttons
Waterproof lens cover for square pilot lights
APW00LN
Waterproof lens cover for square illuminated
buttons
APW00L
Clear boot for round flush units
OC-31
Clear boot for round extended units
OC-32
*In place of asterisk, specify Rubber Boot color:
B (black), G (green), R (red), Y (yellow) - (nitril
rubber)
OCW-11*
Anti-Rotation Ring
Ring to prevent operator base from rotating in the mounting hole.
Used when nameplate is not used
OGL-31
Mounting Hole Plug
Black rubber plug fills unused mounting holes in panel.
OB-31
Metallic Mounting Hole
Plug
For plugging unused mounting holes in the panel. Tighten the attached locking ring to
a torque of 12 kfg-cm maximum
Degree of protection: IP66
LW9Z-BM
Replacement Keys
Replacement keys (#0)
TW-SK
Replacement Black
Sleeve for Keyswitch
AKW2B-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com