Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AKFW311-R Datasheet(PDF) 22 Page - IDEC Corporation

Part # AKFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AKFW311-R Datasheet(HTML) 22 Page - IDEC Corporation

Back Button AKFW311-R Datasheet HTML 18Page - IDEC Corporation AKFW311-R Datasheet HTML 19Page - IDEC Corporation AKFW311-R Datasheet HTML 20Page - IDEC Corporation AKFW311-R Datasheet HTML 21Page - IDEC Corporation AKFW311-R Datasheet HTML 22Page - IDEC Corporation AKFW311-R Datasheet HTML 23Page - IDEC Corporation AKFW311-R Datasheet HTML 24Page - IDEC Corporation AKFW311-R Datasheet HTML 25Page - IDEC Corporation AKFW311-R Datasheet HTML 26Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
717
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Illuminated Selector Switches(Assembled) continued
Illuminated 2-Position Selector Switches
Style
Part Number
Operator
Position
Lamp
Circuit Type
Maintained
Spring Return from Right
Spring Return from Left
L
R
L
R
L
R
L
R
1NO
1NC
1
2
O
X
X
O
Transformer
Full Voltage
ASLW2 j 11D-k
ASLW29911D-k-l
ASLW21 j 11D-k
ASLW219911D-k-l
ASLW22 j 11D-k
ASLW229911D-k-l
2NO
1
2
O
O
X
X
Transformer
Full Voltage
ASLW2 j 20D-k
ASLW29920D-k-l
ASLW21 j 20D-k
ASLW219920D-k-l
ASLW22 j 20D-k
ASLW229920D-k-l
2NC
1
2
X
X
O
O
Transformer
Full Voltage
ASLW2 j 02D-104-k
ASLW29902D-104-k-l
ASLW21 j 02D-104-k
ASLW219902D-104-k-l
ASLW22 j 02D-104-k
ASLW229902D-104-k-l
2NO
2NC
1
2
3
4
O
X
O
X
X
O
X
O
Transformer
Full Voltage
ASLW2 j 22D-k
ASLW29922D-k-l
ASLW21 j 22D-k
ASLW219922D-k-l
ASLW22 j 22D-k
ASLW229922D-k-l
Illuminated 3-Position Selector Switches, Maintained and Spring Return from Right
Style
Part Number
Operator Position
Lamp
Circuit Type
Maintained
Spring Return From Right
Spring Return from Left
Spring Return Two-Way
L
C
R
L
C
R
L
C
R
L
C
R
L
C
R
2NO
1
2
X
O
O
O
O
X
Transformer
Full Voltage
ASLW3 j 20D-k
ASLW39920D-k-l
ASLW31 j 20D-k
ASLW319920D-k-l
ASLW32 j 20D-k
ASLW329920D-k-l
ASLW33 j 20D-k
ASLW339920D-k-l
2NC
1
2
O
X
X
X
X
O
Transformer
Full Voltage
ASLW3 j 02D-k
ASLW39902D-k-l
ASLW31 j 02D-k
ASLW319902D-k-l
ASLW32 j 02D-k
ASLW329902D-k-l
ASLW33 j 02D-k
ASLW339902D-k-l
2NO
2NC
1
2
3
4
X
O
O
X
O
O
X
X
O
X
X
O
Transformer
Full Voltage
ASLW3 j 22D-k
ASLW39922D-k-l
ASLW31 j 22D-k
ASLW319922D-k-l
ASLW32 j 22D-k
ASLW329922D-k-l
ASLW33 j 22D-k
ASLW339922D-k-l
2NO
2NC
1
2
3
4
X
X
O
O
O
X
X
O
X
O
O
X
Transformer
Full Voltage
ASLW3 j 22D-309-k
ASLW39922D-309-k-l
ASLW31 j 22D-309-k
ASLW319922D-309-k-l
ASLW32 j 22D-309-k
ASLW329922D-309-k-l
ASLW33 j 22D-309-k
ASLW339922D-309-k-l
2NO
2NC
1
2
3
4
O
O
O
O
X
O
X
O
O
X
O
X
Transformer
Full Voltage
ASLW3 j 22D-310-k
ASLW39922D-310-k-l
ASLW31 j 22D-310-k
ASLW319922D-310-k-l
ASLW32 j 22D-310- k
ASLW329922D-310- k -l
ASLW33 j 22D-310-k
ASLW339922D-310-k-l
4NO
1
2
3
4
X
O
X
O
O
O
O
O
O
X
O
X
Transformer
Full Voltage
ASLW3 j 40D-k
ASLW39940D-k-l
ASLW31 j 40D-k
ASLW319940D-k-l
ASLW32 j 40D-k
ASLW329940D-k-l
ASLW33 j 40D-k
ASLW339940D-k-l
4NC
1
2
3
4
O
X
O
X
X
X
X
X
X
O
X
O
Transformer
Full Voltage
ASLW3 j 04D-k
ASLW39904D-k-l
ASLW31 j 04D-k
ASLW319904D-k-l
ASLW32 j 04D-k
ASLW329904D-k-l
ASLW33 j 04D-k
ASLW339904D-k-l
1. In place of j, specify the Transformer Voltage Code.
2. In place of k, specify the Lens/LED Color Code.
3. In place of l, specify the Full Voltage Code.
4. For custom contact configurations, see page 720.
5. Light is independent of switch position.
6. Yellow selector switch comes with white LED.
l
Full Voltage Codes
Voltage
Code
6V AC/DC
6V
12V AC/DC
12V
24V AC/DC
24V
120V AC
120V
240V AC
240V
j
Transformer Voltage Codes
Voltage
Code
120VAC
126
240VAC
246
480VAC
486
Transformers step down to 6V
(use 6V LED).
k
LED/Lens Color Codes
Color
Code
Amber
A
Green
G
Red
R
Blue
S
White
W
Yellow
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com