Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AKFW311-R Datasheet(PDF) 3 Page - IDEC Corporation

Part # AKFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AKFW311-R Datasheet(HTML) 3 Page - IDEC Corporation

  AKFW311-R Datasheet HTML 1Page - IDEC Corporation AKFW311-R Datasheet HTML 2Page - IDEC Corporation AKFW311-R Datasheet HTML 3Page - IDEC Corporation AKFW311-R Datasheet HTML 4Page - IDEC Corporation AKFW311-R Datasheet HTML 5Page - IDEC Corporation AKFW311-R Datasheet HTML 6Page - IDEC Corporation AKFW311-R Datasheet HTML 7Page - IDEC Corporation AKFW311-R Datasheet HTML 8Page - IDEC Corporation AKFW311-R Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
ø22mm - TW Series
Switches & Pilot Devices
698
www.IDEC.com
1904032203
Non-Illuminated Pushbuttons (Assembled)
Assembled Pushbuttons
A
B ( )
W
1
10
–
B
Function
B: Momentary
O: Maintained
K: Key On/Off Lock
Bezel Shape
Blank: Octagonal
F: Full Shroud
G: Mushroom Shroud
Q: Square
Button Color
B: Black
G: Green
W:White
R: Red
S: Blue
Y: Yellow
Contact Arrangement
10: 1NO
01: 1NC
20: 2NO
02: 2NC
11: 1NO-1NC
22: 2NO-2NC
Button Shape
1: Flush
2: Extended
3: Mushroom Head Ø 29mm
4: Mushroom Head Ø 40mm
Series Designation
W: TW Series
To be used for interpreting part numbers only, not for part number development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com