Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AKFW311-R Datasheet(PDF) 40 Page - IDEC Corporation

Part # AKFW311-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AKFW311-R Datasheet(HTML) 40 Page - IDEC Corporation

Back Button AKFW311-R Datasheet HTML 33Page - IDEC Corporation AKFW311-R Datasheet HTML 34Page - IDEC Corporation AKFW311-R Datasheet HTML 35Page - IDEC Corporation AKFW311-R Datasheet HTML 36Page - IDEC Corporation AKFW311-R Datasheet HTML 37Page - IDEC Corporation AKFW311-R Datasheet HTML 38Page - IDEC Corporation AKFW311-R Datasheet HTML 39Page - IDEC Corporation AKFW311-R Datasheet HTML 40Page - IDEC Corporation AKFW311-R Datasheet HTML 41Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
735
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Instructions continued
Pilot Lights and Pushbuttons
IMPORTANT: Install the body of the TW control unit with the panel thickness scale facing up.
Octagonal and Round Bezels
Octagonal and round bezels screw into the operator. Use a locking ring wrench (optional) for secure tightening and easy removal. Round flush and extended buttons
snap onto the operator base. Mushroom buttons screw onto the operator base.
Every round lens can be used with or without legend markings. Engraving can be done on a white translucent plate which is placed in the lens, or clear mylar can be
printed and placed in the lens.
Round
Marking
Unit
Insert marking
plate under lens
Lens
Marking
Plate
Press in
Press in round flush and
extended lens.
Screw in mushroom lens
Square Bezels
Square bezels are installed in a 3-step procedure. First install the base plate from the front. Then install the lock nut using the nut locking wrench (optional). Finally,
install the square bezel, which snap-fits onto the base plate. Square buttons also snap onto the operator base.
Every square lens can be used with or without legend markings. Engraving can be done on a white translucent plate which is placed in the lens, or clear mylar can be
printed and placed in the lens. Square units include a round waterproof lens which screws into the operator. The square outer lens snaps on.
Square
Marking
Units
Insert marking
plate under lens
Pilot Light
Marking Plate
Insert marking
plate under lens
Illuminated Pushbutton
Marking Plate
Lens Retainer
Waterproof Lens
To remove square lens from operator, place a screwdriver under the indentation on the side of the lens. To remove the marking plate, place a screwdriver under the
indentation and lift out the plate. The lens retainer can be removed by pressing a 3/16” screwdriver into one of the recesses.
Marking Plate Engraving Area
Shape
Engraving Area
Used With
Part Number
Round
Ø 0.55” (14mm)
Illuminated pushbuttons
ALW2B
Ø 0.55” (14mm)
Pilot lights
APW2B
Mushroom
Ø 0.55” (14mm)
Illuminated mushroom
ALW3B
Square
q
0.83” (21mm)
Square pilot lights
APQW1B
Square
q
0.83” (21mm)
Square illuminated pushbuttons
ALQW2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com