Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63-MON-RPS Datasheet(PDF) 1 Page - Linx Technologies

Part # ANT-W63-MON-RPS
Description  WiFi 6 Monopole Whip Antenna
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63-MON-RPS Datasheet(HTML) 1 Page - Linx Technologies

  ANT-W63-MON-RPS Datasheet HTML 1Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 2Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 3Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 4Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 5Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 6Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 7Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 8Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Datasheet
ANT-W63-MON-ccc
WiFi 6 Monopole Whip Antenna
Ordering Information
Part Number
Description
ANT-W63-MON-RPS
WiFi 6/WiFi 6E monopole whip antenna with RP-SMA plug (female socket)
ANT-W63-MON-SMA
WiFi 6/WiFi 6E monopole whip antenna with SMA plug (male pin)
Available from Linx Technologies and select distributors and representatives.
The Linx ANT-W63-MON series antenna is a
compact monopole tilt/swivel whip antenna
designed for superior performance in the 2.4 GHz, 5
GHz and 6 GHz bands supporting both WiFi 6 and
WiFi 6E.
The ANT-W63-MON antennas work with multiple
ground plane configurations and the hinged design
allows for the antenna to be positioned for optimum
performance.
The antenna is available with an SMA plug (male pin)
or RP-SMA plug (female socket) connector.
Features
• Performance at 2.4 GHz
― VSWR: ≤ 2.2
― Peak Gain: 3.2 dBi
― Efficiency: 69%
• Performance at 5.150 GHz to 7.125 GHz
― VSWR: ≤ 2.3
― Peak Gain: 4.2 dBi
― Efficiency: 57%
• Hinged design with detents for straight, 45
degree and 90 degree positioning
• SMA plug (male pin) or RP-SMA (female socket)
Applications
• WiFi/WLAN coverage
― WiFi 6E (802.11ax)
― WiFi 6 (802.11ax)
― WiFi 5 (802.11ac)
― WiFi 4 (802.11n)
― 802.11b/g
• 2.4 GHz ISM applications
― Bluetooth®
― ZigBee®
• U-NII bands 1-4 and 5-8
• Internet of Things (IoT) devices
• Smart Home networking
• Sensing and remote monitoring


Similar Part No. - ANT-W63-MON-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-W63-WRT-MHF4 LINX-ANT-W63-WRT-MHF4 Datasheet
565Kb / 4P
External Panel-Mount WiFi 6 Antenna
2021
ANT-W63-WRT-RPS LINX-ANT-W63-WRT-RPS Datasheet
565Kb / 4P
External Panel-Mount WiFi 6 Antenna
2021
ANT-W63-WRT-SMA LINX-ANT-W63-WRT-SMA Datasheet
565Kb / 4P
External Panel-Mount WiFi 6 Antenna
2021
ANT-W63-WRT-UFL LINX-ANT-W63-WRT-UFL Datasheet
565Kb / 4P
External Panel-Mount WiFi 6 Antenna
2021
More results

Similar Description - ANT-W63-MON-RPS

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FW.91.TNC.M TAOGLAS-FW.91.TNC.M Datasheet
875Kb / 13P
Flexible Whip Monopole Antenna
FW.92.RNT.M TAOGLAS-FW.92.RNT.M Datasheet
703Kb / 13P
Flexible Whip Monopole Antenna
logo
Pulse A Technitrol Comp...
W3043 PULSE-W3043 Datasheet
229Kb / 1P
Monopole Antenna: GPS, BT, WLAN, WiFi
logo
Taoglas antenna solutio...
FW24SMAM TAOGLAS-FW24SMAM Datasheet
984Kb / 12P
Meteor 2.4GHz Flexible Whip Monopole Antenna
FW80SMAM TAOGLAS-FW80SMAM Datasheet
471Kb / 7P
Meteor 169MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
FW81SMAM TAOGLAS-FW81SMAM Datasheet
167Kb / 6P
Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
WM80B305111 TAOGLAS-WM80B305111 Datasheet
532Kb / 6P
169MHz 0dBi Wall Mount Flexible Whip Monopole Omni-Directional Antenna
FW.90.SMA.M TAOGLAS-FW.90.SMA.M_17 Datasheet
1Mb / 15P
Flexible Whip Monopole Antenna
logo
Ultralife Corporation.
LPAS-320U-A04 ULTRALIFE-LPAS-320U-A04 Datasheet
665Kb / 2P
20-Watt Monopole Whip Antenna
5/30/14
logo
Suzhou Maswell Communic...
AN_W040 MASWELL-AN_W040 Datasheet
382Kb / 2P
WIFI Antenna monopole extreme low profile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com