Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63-MON-RPS Datasheet(PDF) 3 Page - Linx Technologies

Part # ANT-W63-MON-RPS
Description  WiFi 6 Monopole Whip Antenna
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63-MON-RPS Datasheet(HTML) 3 Page - Linx Technologies

  ANT-W63-MON-RPS Datasheet HTML 1Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 2Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 3Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 4Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 5Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 6Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 7Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 8Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Datasheet
ANT-W63-MON-ccc
Antenna Orientation
The ANT-W63-MON antenna is characterized in two antenna orientations as shown in Figure 2. The two
orientations with the antenna on the edge of the ground plane bent 90 degrees and on the edge of the
ground plane straight, represent the most common orientations in end-product use. Performance data is
provided for installation on a 150 mm x 90 mm ground plane and on a 102 mm x 102 mm ground plane.
On edge of ground plane, bent 90 degrees
On edge of ground plane, straight
Figure 2. ANT-W63-MON-ccc on evaluation PCB
Ground Plane
1/4-Wave monopole antennas require an associated ground plane counterpoise for best performance.
The size and location of the ground plane relative to the antenna will affect the overall performance of the
antenna in the final design. The proximity of other circuit elements and packaging near the antenna will also
affect the final performance.
For further discussion and guidance on the importance of the ground plane counterpoise, please refer to
Linx Application Note, AN-00501: Understanding Antenna Specifications and Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com