Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63-MON-RPS Datasheet(PDF) 18 Page - Linx Technologies

Part # ANT-W63-MON-RPS
Description  WiFi 6 Monopole Whip Antenna
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63-MON-RPS Datasheet(HTML) 18 Page - Linx Technologies

Back Button ANT-W63-MON-RPS Datasheet HTML 14Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 15Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 16Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 17Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 18Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 19Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 20Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 21Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 22Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Datasheet
ANT-W63-MON-ccc
Radiation Patterns - Edge-Bent
5925 MHz to 7125 MHz (6500 MHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
5920 MHz
6530 MHz
7130 MHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35 36
XZ-Plane Gain
YZ-Plane Gain
XY-Plane Gain
Figure 23. Radiation Patterns for ANT-W63-MON-ccc, Edge-Bent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com