Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63-MON-RPS Datasheet(PDF) 2 Page - Linx Technologies

Part # ANT-W63-MON-RPS
Description  WiFi 6 Monopole Whip Antenna
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63-MON-RPS Datasheet(HTML) 2 Page - Linx Technologies

  ANT-W63-MON-RPS Datasheet HTML 1Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 2Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 3Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 4Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 5Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 6Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 7Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 8Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Datasheet
ANT-W63-MON-ccc
Table 1. Electrical Specifications
ANT-W63-MON
ISM/WiFi
WiFi/U-NII 1-3
WiFi 6E
Frequency Range
2400 MHz to 2485 MHz
5150 MHz to 5850 MHz
5925 MHz to 7125 MHz
VSWR (max.)
2.4
2.3
2.0
Peak Gain (dBi)
3.2
4.2
3.4
Average Gain (dBi)
-2.1
-2.4
-3.3
Efficiency (%)
65
62
51
Impedance
50
Ω
Polarization
Linear
Radiation
Omnidirectional
Wavelength
1/4-wave
Electrical Type
Monopole
Max Power
5 W
Electrical specifications and plots measured with a 150 mm x 90 mm (5.91 in x 3.54 in) reference ground plane, edge bent orientation.
Table 2. Mechanical Specifications
ANT-W63-MON
Connection
SMA plug (male pin) or RP-SMA plug (female socket)
Operating Temp. Range
-40 °C to +130 °C
Weight
8.4 g (0.30 oz)
Dimensions
72.0 mm x Ø9.5 mm (2.83 in x Ø0.37 in)
Product Dimensions
Figure 1 provides dimensions of the ANT-W63-MON-ccc antenna. The antenna whip can be tilted 90
degrees, and has a detent at 45 degrees enabling the antenna to be oriented in any direction. The rotating
base allows for continuous positioning through 360 degrees even while installed.
71.1 mm
(2.80 in)
72.0 mm
(2.83 in)
Supplier version
Linx dwg version
45°
29.9 mm
(1.18 in)
29.4mm
(1.16 in)
48.5 mm
(1.91 in)
48.15 mm
(1.90 in)
Ø9.3 mm
(0.37 in)
Ø5.2 mm
(0.20 in)
Ø4.7 mm
(0.19 in)
Full 360° rotation
Ø9.5 mm
(0.37 in)
Full 360° rotation
90°
45°
90°
Figure 1. ANT-W63-MON-ccc Antenna Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com