Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-W63-MON-RPS Datasheet(PDF) 4 Page - Linx Technologies

Part # ANT-W63-MON-RPS
Description  WiFi 6 Monopole Whip Antenna
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-W63-MON-RPS Datasheet(HTML) 4 Page - Linx Technologies

  ANT-W63-MON-RPS Datasheet HTML 1Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 2Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 3Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 4Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 5Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 6Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 7Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 8Page - Linx Technologies ANT-W63-MON-RPS Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Datasheet
ANT-W63-MON-ccc
Edge of Ground Plane, Bent 90 Degrees (150 mm x 90 mm Ground Plane)
The charts on the following pages represent data taken with the antenna oriented at the edge of the ground
plane, bent 90 degrees (Edge-Bent), as shown in Figure 3.
Figure 3. ANT-W63-MON-ccc on Edge of Ground Plane, Bent 90 Degrees (Edge-Bent)
VSWR
Figure 4 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes
the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna
performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge
of the percentage of transmitter power reflected back from the antenna.
0
10
20
30
40
1
2
3
4
5
2400 2700 3000 3300 3600 3900 4200 4500 4800 5100 5400 5700 6000 6300 6600 6900 7200
Frequency (MHz)
Figure 4. ANT-W63-MON VSWR, Edge-Bent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com