Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-2-V/G4 Datasheet(PDF) 33 Page - Microchip Technology

Part # UCS2113-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-2-V/G4 Datasheet(HTML) 33 Page - Microchip Technology

Back Button UCS2113-2-V/G4 Datasheet HTML 29Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 30Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 31Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 32Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 33Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 34Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 35Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 36Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 33
UCS2113
8.1
Current Measurement Register
The Current Measurement register stores the
measured current value delivered to the portable
device (IBUS). This value is updated continuously while
the device is in the Active power state.
21h
Port 2 Charge Rationing
Threshold Low Byte
R/W
Sets the maximum allowed charge that will
be delivered to Port 2
FFh
48
22h
Ration Configuration
R/W
Controls Charge Ration Functionality
11h
49
23h
Port 1 Current Limit Behavior R/W
Controls the Current Limiting Behavior (CC
Mode Region 2) for Port 1
96h
50
24h
Port 2 Current Limit Behavior R/W
Controls the Current Limiting Behavior (CC
Mode Region 2) for Port 2
96h
50
FDh
Product ID
R
Stores a fixed value that identifies each
product
E1h
51
FEh
Manufacturer ID
R
Stores a fixed value that identifies Microchip
5Dh
51
FFh
Revision
R
Stores a fixed value that represents the
revision number
81h
52
TABLE 8-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
Register Name
R/W
Function
Default
Value
Page
No.
REGISTER 8-1:
PORTS 1 AND 2 CURRENT MEASUREMENT REGISTERS
(ADDRESSES 00H, 01H)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
CM(x)<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
CM(x)<7:0>: Port X Current Measurement, where x=1 or 2 (address 00h for Port 1 and address 01h for
Port 2).
Note 1: The bit weights are in mA,1 LSB = 13.3 mA (maximum value is 255 LSB corresponding to 3.4A).
2: This data will be cleared when the device enters the Sleep state. This data will also be cleared whenever
the port power switch is turned off (or any time that VBUS is discharged).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com