Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-2-V/G4 Datasheet(PDF) 13 Page - Microchip Technology

Part # UCS2113-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-2-V/G4 Datasheet(HTML) 13 Page - Microchip Technology

Back Button UCS2113-2-V/G4 Datasheet HTML 9Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 10Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 11Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 12Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 13Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 14Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 15Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 16Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 13
UCS2113
Note: Unless otherwise indicated, VDD = VS = 5V, TA = +27°C.
FIGURE 2-18:
ILIM6 Trip Current
Distribution.
FIGURE 2-19:
ILIM7 Trip Current
Distribution.
FIGURE 2-20:
ILIM8 Trip Current
Distribution.
0%
10%
20%
30%
40%
50%
60%
V
BUS Current (A)
0%
10%
20%
30%
40%
50%
60%
V
BUS Current (A)
0%
10%
20%
30%
40%
50%
60%
V
BUS Current (A)
Note 1: The histogram aspect is caused by a mixture of two normal distributions, corresponding to the two
VBUS channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com