Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-2-V/G4 Datasheet(PDF) 35 Page - Microchip Technology

Part # UCS2113-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-2-V/G4 Datasheet(HTML) 35 Page - Microchip Technology

Back Button UCS2113-2-V/G4 Datasheet HTML 31Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 32Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 33Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 34Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 35Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 36Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 37Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 38Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 35
UCS2113
REGISTER 8-3:
INTERRUPT STATUS 1 REGISTER (ADDRESS 03H)
R/W-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
ERR1
DISCH_ERR1
RESET
KEEP_OUT1
TSD_HIGH
OV_VOLT
BACK_V1
OV_LIM1
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
C = Clear on Read
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ERR1: Error Port 1 - Indicates that an error was detected on the VBUS1 pin and the device has entered
the Error state. Writing this bit to ‘0’ will clear the Error state and allows the device to be returned to the
Active state. When written to ‘0’, all error conditions are checked. If all error conditions have been
removed, the UCS2113 returns to the Active state. This bit is set automatically by the UCS2113 when
the Error state is entered. If any other bit is set in the Interrupt Status register (03h), the device will not
leave the Error state.
This bit is cleared automatically by the UCS2113 if the Auto-recovery fault handling functionality is active
and no error conditions are detected. Likewise, this bit is cleared when the PWR_EN1 control is disabled
(Note 1).
1 = Port 1 in Error State
0 = Port 1 in Active State (no errors detected)
bit 6
DISCH_ERR1: Discharge Error Port 1 - Indicates the device was unable to discharge Port1. This bit will
be cleared when read if the error condition has been removed or if the ERR bit is cleared. This bit will
cause the ALERT#1 pin to be asserted and the device to enter the Error state.
1 = UCS2113 was unable to Discharge VBUS1
0 =No VBUS1 discharge error
bit 5
RESET: Indicates that the UCS2113 has just been reset and should be reprogrammed. This bit will be
set at power-up. This bit is cleared when read or when the PWR_EN control is toggled. The ALERT#
pins are not asserted when this bit is set. This data is retained in the Sleep state.
1 = UCS2113 has just been reset
0 = Reset did not occur
bit 4
KEEP_OUT1: Port 1 Minimum Keep-Out region - Indicates that the V-I output on the VBUS1 pin has
dropped below VBUS_MIN. This bit will be cleared when read if the error condition has been removed or
if the ERR1 bit is cleared. This bit will cause the ALERT#1 pin to be asserted and the device to enter the
Error state.
1 =VBUS1 < VBUS_MIN
0 =VBUS1 > VBUS_MIN
bit 3
TSD_HIGH: Indicates that the internal temperature has exceeded TTSD_HIGH threshold and the device
has entered the Error state. This bit will be cleared when read if the error condition has been removed
or if the ERR1 bit is cleared. This bit will cause the ALERT#1and ALERT#2 pins to be asserted and the
device to enter the Error state.
1 = Internal die temperature has exceeded TTSD_HIGH
0 = Internal die temperature has not exceeded TTSD_HIGH
bit 2
OV_VOLT: VS Overvoltage indicates that the VS voltage has exceeded the VS_OV threshold, and the
device has entered the Error state. This bit will be cleared when read if the error condition has been
removed or if the ERR1 bit is cleared. This bit will cause the ALERT#1 and ALERT#2 pins to be asserted
and the device to enter the Error state.
1 =VS > VS_OV
0 =VS < VS_OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com