Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-2-V/G4 Datasheet(PDF) 17 Page - Microchip Technology

Part # UCS2113-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-2-V/G4 Datasheet(HTML) 17 Page - Microchip Technology

Back Button UCS2113-2-V/G4 Datasheet HTML 13Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 14Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 15Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 16Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 17Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 18Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 19Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 20Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 17
UCS2113
5.0
GENERAL DESCRIPTION
The UCS2113 is a dual-port power switch. Two USB
power ports are supported with current limits up to 3.0A
continuous current (3.4A maximum) each. Selectable
and programmable current limiting configurations are
also available to the application. A typical block
diagram is shown in Figure 5-1.
FIGURE 5-1:
Typical USB Application.
VBUS
2 PORT HUB
PD_ALERT1
PD_ALERT2
D+
D-
USB Port 1
Connector
SMDAT
SMCLK
SMDAT
SMCLK
D+
D-
D+
D-
UCS2113
PWR_EN1
ALERT1
VBUS1
PWR_EN2
ALERT2
VBUS2
USB Port 2
Connector
D+
D-
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com