Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS2113-2-V/G4 Datasheet(PDF) 43 Page - Microchip Technology

Part # UCS2113-2-V/G4
Description  USB Dual-Port Power Switch and Current Monitor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2113-2-V/G4 Datasheet(HTML) 43 Page - Microchip Technology

Back Button UCS2113-2-V/G4 Datasheet HTML 39Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 40Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 41Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 42Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 43Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 44Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 45Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 46Page - Microchip Technology UCS2113-2-V/G4 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
 2016-2021 Microchip Technology Inc. and its subsidiaries
DS20005680B-page 43
UCS2113
REGISTER 8-9:
GENERAL CONFIGURATION 3 REGISTER (ADDRESS 13H)
R/W-0
U-1
R/W-1
U-x
U-x
R/W-0
U-0
U-0
PIN_IGN
—DIS_TO
—
—BOOST
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
C = Clear on Read
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
PIN_IGN: Ignores the PWR_EN1 and PWR_EN2 pin states when determining the power state. This bit
is retained in Sleep.
1 = PWR_EN1 and PWR_EN2 pin states are ignored.
0 = Power state is determined by the OR'd combination of the PWR_EN1 and PWR_EN2 pins states
and the corresponding PWR_EN1S and PWR_EN2S bit states.
bit 6
Unimplemented
bit 5
DIS_TO: Disable Time Out - Disables the SMBus time out feature.
1 = Time out disabled
0 = Time out enabled
bit 4-3
Unimplemented
bit 2
BOOST: Indicates that the IBUS current is higher than IBOOST on VBUS1 or VBUS2 (bit is OR’ed).
1 = IBUS has exceeded IBOOST on either or both ports
0 = IBUS is less than IBOOST on either port individually
bit 1-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com