Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8172 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8172
Description  SONET/SDH 16:1 Mux with CMU
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8172 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8172 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8172 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vitesse.com
Product Brief
“Best Data Eyes in the Business”
10G PHY
Layer
Products
Physical Layer Products
Vitesse Semiconductor
offers a complete line of
physical layer serializer/
deserializer devices for
use in a broad range of
SONET OC-192 / SDH
STM-64 and forward er-
ror correction applica-
tions. Vitesse has lever-
aged production proven
technology to develop a
family of chip sets that
support a full range of
design requirements
from high-performance
to low-power, perfor-
mance-optimized, appli-
cations.
Features for VSC8171
SONET/SDH 16:1 Mux with CMU
• 9.953 - 10.7 GHz Operation
• 16:1 Multiplexer with Integrated
Clock Multiplier
• FIFO Companion Device
VSC8273 16 x 622/667 MHz
• Supports OC-192 and FEC
Rates with only a Reference
Clock Frequency Change
• LVDS Parallel Interface
• Parity Checking
• High Speed Clock and Serial
Data Output
• 650 mV (typ) Serial Data Output
• 35 ps (max) Rise/Fall Times
• Meets SONET OC-192 and SDH
STM-64 Jitter Generation
Requirements
• -5.2 V Single Power Supply
• 2.6 W (typ) Power Dissipation
• Thermally Enhanced 80-Pin
PQFP and 96-Ball BGA
• 11.5 - 12.5 GHz Version
Available - VSC8181
VSC8171 Block Diagram
VITESSE Has Eyes For You
VITESSE Has Eyes For You
PARITY+
PARITY -
DINV ALID+
DINV ALID-
CK16+
CK16-
DOUT+
DOUT -
COUT+
COUT -
Timing
Generator
PLL
D0+
D0-
D1+
D1-
16:1
D15+
D15-
REFCK+
REFCK-
CKOEN
Cloc k
Stretch
Introduction


Similar Part No. - VSC8172

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8113 VITESSE-VSC8113 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB VITESSE-VSC8113QB Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB1 VITESSE-VSC8113QB1 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8113QB2 VITESSE-VSC8113QB2 Datasheet
484Kb / 28P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results

Similar Description - VSC8172

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
MAX3885 MAXIM-MAX3885 Datasheet
125Kb / 8P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with LVDS Outputs
Rev 2; 1/99
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
Vitesse Semiconductor C...
VSC8140 VITESSE-VSC8140 Datasheet
528Kb / 34P
2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
Vitesse Semiconductor C...
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
logo
Broadcom Corporation.
BCM8128BIFB BOARDCOM-BCM8128BIFB Datasheet
134Kb / 2P
MULTIRATE 10-GBPS SONET/SDH/10GE/FEC MUX
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com