Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9540PCB
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540PCB Datasheet(HTML) 5 Page - Analog Devices

  AD9540PCB Datasheet HTML 1Page - Analog Devices AD9540PCB Datasheet HTML 2Page - Analog Devices AD9540PCB Datasheet HTML 3Page - Analog Devices AD9540PCB Datasheet HTML 4Page - Analog Devices AD9540PCB Datasheet HTML 5Page - Analog Devices AD9540PCB Datasheet HTML 6Page - Analog Devices AD9540PCB Datasheet HTML 7Page - Analog Devices AD9540PCB Datasheet HTML 8Page - Analog Devices AD9540PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD9540
Rev. 0 | Page 5 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FIN = 1966.08 MHz, FOUT = 491.52 MHz
RF Divider R = 4
@ 10 Hz
105
dBc/Hz
@ 100 Hz
112
dBc/Hz
@ 1 kHz
122
dBc/Hz
@ 10 kHz
130
dBc/Hz
@ 100 kHz
141
dBc/Hz
@ 1 MHz
144
dBc/Hz
>3 MHz
146
dBc/Hz
FIN = 2488 MHz, FOUT = 622 MHz
RF Divider R = 4
@ 10 Hz
100
dBc/Hz
@ 100 Hz
108
dBc/Hz
@ 1 kHz
115
dBc/Hz
@ 10 kHz
125
dBc/Hz
@ 100 kHz
135
dBc/Hz
@ 1 MHz
140
dBc/Hz
≥3 MHz
142
dBc/Hz
PHASE FREQUENCY DETECTOR/CHARGE PUMP
REFIN Input
Input Frequency2
÷M Set to Divide by at Least 4
655
MHz
÷M Bypassed
200
MHz
Input Voltage Levels
200
450
600
mV p-p
Input Capacitance
10
pF
Input Resistance
1500
CLK2 Input
Input Frequency
÷N Set to Divide by at Least 4
655
MHz
÷N Bypassed
200
MHz
Input Voltage Levels
200
450
600
mV p-p
Input Capacitance
10
pF
Input Resistance
1500
Charge Pump Source/Sink Maximum Current
4
mA
Charge Pump Source/Sink Accuracy
5
%
Charge Pump Source/Sink Matching
2
%
Charge Pump Output Compliance Range3
0.5
CPVDD − 0.5
V
STATUS Drive Strength
2
mA
PHASE FREQUENCY DETECTOR NOISE FLOOR
@ 50 kHz PFD Frequency
148
dBc/Hz
@ 2 MHz PFD Frequency
133
dBc/Hz
@ 100 MHz PFD Frequency
116
dBc/Hz
@ 200 MHz PFD Frequency
113
dBc/Hz
RF DIVIDER (CLK1 ) INPUT SECTION (÷R)
RF Divider Input Range
1
2700
MHz
DDS SYSCLK not to
exceed 400 MSPS
Input Capacitance (DC)
3
pF
Input Impedance (DC)
1500
Input Duty Cycle
42
50
58
%
Input Power/Sensitivity
−10
+4
dBm
Single-ended, into a 50 Ω load4
Input Voltage Level
200
1000
mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com