Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9540PCB
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9540PCB Datasheet HTML 21Page - Analog Devices AD9540PCB Datasheet HTML 22Page - Analog Devices AD9540PCB Datasheet HTML 23Page - Analog Devices AD9540PCB Datasheet HTML 24Page - Analog Devices AD9540PCB Datasheet HTML 25Page - Analog Devices AD9540PCB Datasheet HTML 26Page - Analog Devices AD9540PCB Datasheet HTML 27Page - Analog Devices AD9540PCB Datasheet HTML 28Page - Analog Devices AD9540PCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD9540
Rev. 0 | Page 25 of 32
Register Name
(Serial Address)
Bit
Range
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value/
Profile
<63:56>
Open1
Phase Offset Word 0 (POW0) <13:8>
0x00
<55:48>
Phase Offset Word 0 (POW0) <7:0>
0x00
<47:40>
Frequency Tuning Word 0 (FTW0) <47:40>
0x00
<39:32>
Frequency Tuning Word 0 (FTW0) <39:32>
0x00
<31:24>
Frequency Tuning Word 0 (FTW0) <31:24>
0x00
<23:16>
Frequency Tuning Word 0 (FTW0) <23:16>
0x00
<15:8>
Frequency Tuning Word. 0 (FTW0) <15:8>
0x00
Profile Control
Register 0 (PCR0)
(0x06)
<7:0>
Frequency Tuning Word 0 (FTW0) <7:0>
0x00
<63:56>
Open1
Phase Offset Word 1 (POW1) <13:8>
0x00
<55:48>
Phase Offset Word 1 (POW1) <7:0>
0x00
<47:40>
Frequency Tuning Word 1 (FTW1) <47:40>
0x00
<39:32>
Frequency Tuning Word 1 (FTW1) <39:32>
0x00
<31:24>
Frequency Tuning Word 1 (FTW1) <31:24>
0x00
<23:16>
Frequency Tuning Word 1 (FTW1) <23:16>
0x00
<15:8>
Frequency Tuning Word 1 (FTW1) <15:8>
0x00
Profile Control
Register 1 (PCR1)
(0x07)
<7:0>
Frequency Tuning Word 1 (FTW1) <7:0>
0x00
<63:56>
Open1
Phase Offset Word 2 (POW2) <13:8>
0x00
<55:48>
Phase Offset Word 2 (POW2) <7:0>
0x00
<47:40>
Frequency Tuning Word 2 (FTW1) <47:40>
0x00
<39:32>
Frequency Tuning Word 2 (FTW2) <39:32>
0x00
<31:24>
Frequency Tuning Word 2 (FTW2) <31:24>
0x00
<23:16>
Frequency Tuning Word 2 (FTW2) <23:16>
0x00
<15:8>
Frequency Tuning Word 2 (FTW2) <15:8>
0x00
Profile Control
Register 2 (PCR2)
(0x08)
<7:0>
Frequency Tuning Word 2 (FTW2) <7:0>
0x00
<63:56>
Open1
Phase Offset Word 3 (POW3) <13:8>
0x00
<55:48>
Phase Offset Word 3 (POW3) <7:0>
0x00
<47:40>
Frequency Tuning Word 3 (FTW3) <47:40>
0x00
<39:32>
Frequency Tuning Word 3 (FTW3) <39:32>
0x00
<31:24>
Frequency Tuning Word 3 (FTW3) <31:24>
0x00
<23:16>
Frequency Tuning Word 3 (FTW3) <23:16>
0x00
<15:8>
Frequency Tuning Word 3 (FTW3) <15:8>
0x00
Profile Control
Register 3 (PCR3)
(0x09)
<7:0>
Frequency Tuning Word 3 (FTW3) <7:0>
0x00
1 In all cases, Open bits must be written to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com