Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540PCB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9540PCB
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540PCB Datasheet(HTML) 3 Page - Analog Devices

  AD9540PCB Datasheet HTML 1Page - Analog Devices AD9540PCB Datasheet HTML 2Page - Analog Devices AD9540PCB Datasheet HTML 3Page - Analog Devices AD9540PCB Datasheet HTML 4Page - Analog Devices AD9540PCB Datasheet HTML 5Page - Analog Devices AD9540PCB Datasheet HTML 6Page - Analog Devices AD9540PCB Datasheet HTML 7Page - Analog Devices AD9540PCB Datasheet HTML 8Page - Analog Devices AD9540PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD9540
Rev. 0 | Page 3 of 32
PRODUCT OVERVIEW
The AD9540 is Analog Devices’ first dedicated clocking product
specifically designed to support the extremely stringent clock-
ing requirements of the highest performance data converters.
The device features high performance PLL circuitry, including a
flexible 200 MHz phase frequency detector and a digitally
controlled charge pump current. The device also provides a low
jitter, 655 MHz CML-mode, PECL-compliant output driver with
programmable slew rates. External VCO rates up to 2.7 GHz are
supported. Extremely fine tuning resolution (steps less than
2.33 µHz) is another feature supported by this device. Informa-
tion is loaded into the AD9540 via a serial I/O port that has a
device write-speed of 25 Mb/s. The AD9540 frequency
divider block can also be programmed to support a spread
spectrum mode of operation.
The AD9540 is specified to operate over the extended
automotive range of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com