Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9540PCB
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540PCB Datasheet(HTML) 1 Page - Analog Devices

  AD9540PCB Datasheet HTML 1Page - Analog Devices AD9540PCB Datasheet HTML 2Page - Analog Devices AD9540PCB Datasheet HTML 3Page - Analog Devices AD9540PCB Datasheet HTML 4Page - Analog Devices AD9540PCB Datasheet HTML 5Page - Analog Devices AD9540PCB Datasheet HTML 6Page - Analog Devices AD9540PCB Datasheet HTML 7Page - Analog Devices AD9540PCB Datasheet HTML 8Page - Analog Devices AD9540PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
655 MHz Low Jitter Clock Generator
AD9540
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Excellent intrinsic jitter performance
25 Mb/s write-speed serial I/O control
200 MHz phase frequency detector inputs
655 MHz programmable input dividers for the phase fre-
quency detector (÷M, ÷N) {M, N = 1..16} (bypassable)
Programmable RF divider (÷R) {R = 1, 2, 4, 8} (bypassable)
8 programmable internal clock rates
Programmable edge delay with 93 fS resolution
1.8 V supply for device operation
3.3 V supply for I/O, CML driver, and charge pump output
Software controlled power-down
48-lead LFCSP package
Programmable charge pump current (up to 4 mA)
Multichip synchronization
Dual-mode PLL lock detect
655 MHz CML-mode PECL-compliant driver
APPLICATIONS
Clocking high performance data converters
Base station clocking applications
Network (SONET/SDH) clocking
Gigabit Ethernet (GbE) clocking
Instrumentation clocking circuits
FUNCTIONAL BLOCK DIAGRAM
AVDD AGND DVDD DGND VCML
VCP
CP_RSET
CP
REF, AMP
REFIN
REFIN
CLK1
CLK1
CHARGE
PUMP
PHASE
FREQUENCY
DETECTOR
M DIVIDER
N DIVIDER
DIVIDER
1, 2, 4, 8
SYNC_IN/STATUS
SYNC, PLL
LOCK
SCLK
SDI/O
SDO
CS
SERIAL
CONTROL
PORT
TIMING AND
CONTROL LOGIC
CLK2
CP
CLK2
DRV_RSET
OUT0
CML
OUT0
VCML
CLK
DIVCLK
S2
S1
S0
PHASE/
FREQUENCY
PROFILES
DDS
IOUT
IOUT
DAC
DAC_RSET
48
10
14
Figure 1.


Similar Part No. - AD9540PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9540 AD-AD9540 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
AD9540BCPZ AD-AD9540BCPZ Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
AD9540BCPZ-REEL7 AD-AD9540BCPZ-REEL7 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
More results

Similar Description - AD9540PCB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
MAX3670 MAXIM-MAX3670_09 Datasheet
202Kb / 12P
Low-Jitter 155MHz/622MHz Clock Generator
Rev 2; 9/09
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
655 MHz Low Jitter Clock Generator
REV. A
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
Ultra-Low Jitter Clock Generator
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
FlexOut Ultra Low Jitter Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
655 MHz Low Jitter Clock Generator
4/2018-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com