Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9540PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9540PCB
Description  655 MHz Low Jitter Clock Generator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9540PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9540PCB Datasheet HTML 7Page - Analog Devices AD9540PCB Datasheet HTML 8Page - Analog Devices AD9540PCB Datasheet HTML 9Page - Analog Devices AD9540PCB Datasheet HTML 10Page - Analog Devices AD9540PCB Datasheet HTML 11Page - Analog Devices AD9540PCB Datasheet HTML 12Page - Analog Devices AD9540PCB Datasheet HTML 13Page - Analog Devices AD9540PCB Datasheet HTML 14Page - Analog Devices AD9540PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD9540
Rev. 0 | Page 11 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
43
42
41
40
39
38
37
48
47
46
45
44
13
15
16
17
18
19
20
21
22
23
24
14
1
2
3
4
5
6
7
8
9
10
11
12
AGND
AVDD
AGND
AVDD
IOUT
IOUT
AVDD
AGND
I/O_RESET
RESET
DVDD
DGND
CP
VCP
AGND
OUT0
OUT0
VCML
AGND
CLK1
CLK1
AVDD
AGND
DVDD
36
35
34
33
32
31
30
29
28
27
26
25
AD9540
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 3. 48-Lead LFCSP Pin Configuration
NOTE: The exposed paddle on this package is an electrical connection (Pin 49) as well as a thermal enhancement. For the device to
function properly, the paddle must be attached to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com