Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3611 Datasheet(PDF) 9 Page - ams AG

Part # AS3611
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3611 Datasheet(HTML) 9 Page - ams AG

Back Button AS3611 Datasheet HTML 5Page - ams AG AS3611 Datasheet HTML 6Page - ams AG AS3611 Datasheet HTML 7Page - ams AG AS3611 Datasheet HTML 8Page - ams AG AS3611 Datasheet HTML 9Page - ams AG AS3611 Datasheet HTML 10Page - ams AG AS3611 Datasheet HTML 11Page - ams AG AS3611 Datasheet HTML 12Page - ams AG AS3611 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
8 - 25
AS3610/11
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 7. Charging Cycle 1
Figure 8. Charging Cycle 2
Battery current (54mA prechg, 550mA CC)
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
2,5
2,7
2,9
3,1
3,3
3,5
3,7
3,9
4,1
4,3
VBAT [V]
VUSB=4.5V, 54/550mA
VUSB=5.5V, 54/550mA
VUSB=6.5V, 54/550mA
Batte ry curre nt (100m A pre chg, 1200m A CC)
0
0,2
0,4
0,6
0,8
1
1,2
1,4
2,5
2,7
2,9
3,1
3,3
3,5
3,7
3,9
4,1
4,3
VBAT [V]
VUSB=4.5V, 100/1192mA
VUSB=5.5V, 100/1192mA
VUSB=6.5V, 100/1192mA
Figure 9. Efficiency @550mA
Figure 10. Efficiency @1.2A
DCDC Charger Efficiency @ Charge Current=550mA
60
65
70
75
80
85
90
95
100
3
3,2
3,4
3,6
3,8
4
4,2
4,4
VBAT [V]
VUSB=4.5V, 54/550mA
VUSB=5.5V, 54/550mA
VUSB=6.5V, 54/550mA
DCDC Charger Efficiency @ Charge Current=1.2A
60
65
70
75
80
85
90
95
100
3
3,2
3,4
3,6
3,8
4
4,2
4,4
VBAT [V]
VUSB=4.5V, 100/1192mA
VUSB=5.5V, 100/1192mA
VUSB=6.5V, 100/1192mA
Figure 11. Boost Efficiency
Figure 12. Booster Output Voltage
BOOST Efficie ncy
60
65
70
75
80
85
90
95
100
0
0,05
0,1
0,15
0,2
0,25
0,3
0,35
0,4
IBUS [V]
VBAT=4.0V , boost_low cu rr=1
VUSB voltage re gulation
4,9
4,92
4,94
4,96
4,98
5
5,02
5,04
5,06
5,08
5,1
0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
IUSB [V]
VBAT=2.7V , boost_low curr=0
VBAT=3.2V , boost_low curr=0
VBAT=4.0V , boost_low curr=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com