Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3611 Datasheet(PDF) 2 Page - ams AG

Part # AS3611
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3611 Datasheet(HTML) 2 Page - ams AG

  AS3611 Datasheet HTML 1Page - ams AG AS3611 Datasheet HTML 2Page - ams AG AS3611 Datasheet HTML 3Page - ams AG AS3611 Datasheet HTML 4Page - ams AG AS3611 Datasheet HTML 5Page - ams AG AS3611 Datasheet HTML 6Page - ams AG AS3611 Datasheet HTML 7Page - ams AG AS3611 Datasheet HTML 8Page - ams AG AS3611 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
A S 3 6 1 0 / 11
S w i t c h i n g C h a r g e r f o r L i - I o n / L i P o / L i F e P O 4 p o w e r e d d e v i c e s
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
1 - 25
D a t a s h e e t
1 General Description
The AS3610/11 is a highly integrated standalone or optional I²C
controlled step down charger. All supervision and regulation
functions are realized internal and independent from the processor.
The 100/500mA USB current limit can be set via a dedicated control
pin. Other limits like 900mA can be programmed in the OTP ROM.
In addition, the Charger can generate a 5.05V output supply at
VBUS for USB OTG.
AS3610 features an I2C interface which can be used by a micro-
controller to fully control all functionality of the chip. Charging current
and EOC current can be set with external resistors and adjusted via
register settings if needed.
AS3611 is a stand-alone version of this charger IC. Charging and
EOC current is set by resistor only. Functions like OTG boost mode
or max current limit for wall adapter mode can be enabled using
dedicated pins.
Figure 1. AS3610/11 Block Diagram
2 Key Features
DCDC USB Charger
1.25A, 3MHz DCDC Charger
OTG Boost with low IQ (700 A) up to 500mA
22V over voltage protection
Seamless 100% Mode
Reverse Polarity protection on VBUS
NTC support
Low side LED driver
No external shunt resistor required
“No Battery” operation without voltage drop
Package: MLPD14 3x3mm
3 Application
The device is ideal as 1 Cell LiIon, LiPo or LiFePO4 charger for
mobile phones and portable devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com