Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3611 Datasheet(PDF) 5 Page - ams AG

Part # AS3611
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3611 Datasheet(HTML) 5 Page - ams AG

  AS3611 Datasheet HTML 1Page - ams AG AS3611 Datasheet HTML 2Page - ams AG AS3611 Datasheet HTML 3Page - ams AG AS3611 Datasheet HTML 4Page - ams AG AS3611 Datasheet HTML 5Page - ams AG AS3611 Datasheet HTML 6Page - ams AG AS3611 Datasheet HTML 7Page - ams AG AS3611 Datasheet HTML 8Page - ams AG AS3611 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
4 - 25
AS3610/11
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Operating Conditions on page 5 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
V_HV20
High voltage pins
-2
22
V
Applicable to high voltage pins: VBUS, SW, STAT
V_MV
5V pins
-0.3
7.0
V
Applicable to 5V-pins: VBAT, XEN, SDA, SCL,
USB500, I_SET, I_TERM
V_LV
3.3V pins
-0.3
5.0
V
Applicable to 3.3V-Pins: VDD_INT, NTC
IIN
Input pin current
-100
+100
mA
Norm: JEDEC JESD78
Electrostatic Discharge
VESD
Electrostatic discharge
+/-1500
1
1. pin STAT is +/-750V only
V
Norm: JEDEC JESD22-A114F
Temperature Ranges and Storage Conditions
SCSB
Operating Temperature
-40
+85
ºC
TJ
Junction Temperature
+110
ºC
Storage Temperature Range
-55
+150
ºC
Humidity non-condensing
5
85
%
Temperature (soldering)
TBODY
Package Body Temperature
260
ºC
Norm IPC/JEDEC J-STD-020
2
The lead finish for Pb-free leaded packages is matte tin
(100% Sn)
2. The reflow peak soldering temperature (body temperature) is specified according IPC/JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices”
Moisture Sensitive Level
3
Represents a max. floor life time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com