Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3611 Datasheet(PDF) 12 Page - ams AG

Part # AS3611
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3611 Datasheet(HTML) 12 Page - ams AG

Back Button AS3611 Datasheet HTML 8Page - ams AG AS3611 Datasheet HTML 9Page - ams AG AS3611 Datasheet HTML 10Page - ams AG AS3611 Datasheet HTML 11Page - ams AG AS3611 Datasheet HTML 12Page - ams AG AS3611 Datasheet HTML 13Page - ams AG AS3611 Datasheet HTML 14Page - ams AG AS3611 Datasheet HTML 15Page - ams AG AS3611 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
11 - 25
AS3610/11
Datasheet - D e t a i l e d D e s c r i p t i o n
8.1.3
Charger States
8.1.4
Stop charging conditions
There are multiple safety features implemented that trigger a stop_charging condition:
These are the following:
- Battery temperature too high. If ntc_on=1 and voltage at pin NTC is below VBATTEMP
- Timeout timer expired (If ch_timeout>0 and charging time has been exceeded). Can be reset by unplugging the charger, setting chg_en=0
or writing charging_tmax=0
- VBUS_OV exceeded
- VBUS_UVLO reached
- Die temp>140deg (ov_temp_140 set)
8.1.5
Battery presence indication and operation without battery
After EOC state is reached a timer for NOBAT detection is started. If there is no battery present, the voltage will drop to VNOBAT_REG. Depending
on the load on VBAT and the capacitor on VBAT this might take some milliseconds to 1 second. The charger will restart charging
(ConstantCurrent charging) after 100msec.
The 100msec dead time is necessary to get a battery oscillation frequency of below 10Hz, if there is no battery present and NTC battery
detection is not enabled.
If No_bat_det=1 and the NOBAT detection timer is below 2 seconds after reaching EOC state, and this happens 2 times in serial, the state
“operation without battery” is entered.
If the nobat_ntc_det bit is set the looping described above will be stopped and a NTC detection is started.
A pull up current of 0.5uA is applied to NTC. If the NTC voltage is above 1.8V, the state machine stays in the no bat state. If the BATTEMP
voltage is below 1.8V, a charging cycle is restarted.
8.1.6
VBUS undervoltage regulation
If the voltage on VBUS drops below Vchg_min the current is regulated down to avoid overloading of the input source.
8.1.7
Charger overvoltage protection
This blocks checks if the charger voltage VBUS is above VBUS_OV. In that case the bit stop_charging is set and the charging is stopped until VBUS
is below VBUS_OV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com