Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3611 Datasheet(PDF) 16 Page - ams AG

Part # AS3611
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3611 Datasheet(HTML) 16 Page - ams AG

Back Button AS3611 Datasheet HTML 12Page - ams AG AS3611 Datasheet HTML 13Page - ams AG AS3611 Datasheet HTML 14Page - ams AG AS3611 Datasheet HTML 15Page - ams AG AS3611 Datasheet HTML 16Page - ams AG AS3611 Datasheet HTML 17Page - ams AG AS3611 Datasheet HTML 18Page - ams AG AS3611 Datasheet HTML 19Page - ams AG AS3611 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
15 - 25
AS3610/11
Datasheet - D e t a i l e d D e s c r i p t i o n
8.5
Register Description
Charger Control Register (Address 0).
Addr: 0
Charger Control
This register controls the mode of the charger and the charger state machine.
Bit
Bit Name
Default
Access
Bit Description
0
Chg_en
1b/ROM
R/W
ON/OFF control of USB charger input
0
1
Charger disabled
Charger enabled, if XEN=0
1
Boost_en
0b/ROM
R/W
ON/OFF control of Step up for USB OTG
Normal operation (usb current=0..6):
0
1
Step up disabled
Step up enabled
AS3611 standalone charger operation only w/o I²C (usb current=7)
0
1
Step up disabled
Step up enabled, if OTG_BOOST=1,
Step up disabled, if OTG_BOOST=0
4:2
usb_current
000b/ROM
R/W
USB input current limit, AS3610 I²C version only
000b
100mA, if pin USB500=0
500mA, if pin USB500=1
001b
010b
011b
100b
101b
110b
100mA
500mA limit
900mA limit
unlimited
NA
unlimited
111b
AS3611 stand alone charger only w/o I²C
CHG_DET=1 and USB500=0
→ 100mA limit
CHG_DET=1 and USB500=1
→ 500mA limit
CHG_DET=0 and USB500=1
→ unlimited current
5
prechg_en
1b/ROM
R/W
0
Pre-charge (trickle charge) disabled. Charger starts with
constant current, if VBAT>2.0V (current set by resistor I_SET)
1
Pre-charge (trickle charge) enabled. Charger starts with
trickle current, if 2.9V>VBAT>2.0V (Current set by resistor
I_term)
6
disable_toff
1b/ROM
R/W
0
Off time of step down charger enabled. If 100% pmos on
mode is needed, off pulses are skipped
1
Off time of step down charger disabled. Smooth transition
to 100% pmos on if needed (VBUS-VBAT is small)
7
No_bat_det
1b/ROM
R/W
0
Nobat detection disabled.
1
Nobat detection enabled. If No Battery is detected a small
current through NTC (approx. 0.5 A), checks if a battery
is connected again. A NTC is necessary for that setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com