Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7216 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB7216
Description  6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7216 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB7216 Datasheet HTML 14Page - Microchip Technology USB7216 Datasheet HTML 15Page - Microchip Technology USB7216 Datasheet HTML 16Page - Microchip Technology USB7216 Datasheet HTML 17Page - Microchip Technology USB7216 Datasheet HTML 18Page - Microchip Technology USB7216 Datasheet HTML 19Page - Microchip Technology USB7216 Datasheet HTML 20Page - Microchip Technology USB7216 Datasheet HTML 21Page - Microchip Technology USB7216 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
USB7216
DS00003143B-page 18
2018 - 2020 Microchip Technology Inc.
3.3.4
PF[31:3] CONFIGURATION (CFG_STRAP[2:1])
The USB7216 provides 29 programmable function pins (
PF[31:3]). These pins can be configured to 2 predefined con-
figuration via the
CFG_STRAP[2:1] pins. These configurations are selected via external resistors on the
CFG_STRAP[2:1] pins, as detailed in Table 3-4. Resistor values and combinations not detailed in Table 3-4 are reserved
and should not be used.
A summary of the configuration pin assignments for each of the 2 configurations is provided in Table 3-5. For details on
behavior of each programmable function, refer to Table 3-6.
Note:
CFG_STRAP3 is not used and must be pulled-down to ground via a 200 kresistor.
TABLE 3-4:
CFG_STRAP[2:1] RESISTOR ENCODING
Mode
CFG_STRAP2
Resistor Value
CFG_STRAP1
Resistor Value
Configuration 1
200 kΩ Pull-Down
200 kΩ Pull-Down
Configuration 2
200 kΩ Pull-Down
200 kΩ Pull-Up
TABLE 3-5:
PF[31:3] FUNCTION ASSIGNMENT
Pin
Configuration 1
(SMBus/I2C)
Configuration 2
(I2S)
PF3
DP1_VCONN2
DP1_VCONN2
PF4
DP1_VCONN1
DP1_VCONN1
PF5
DP1_DISCHARGE
DP1_DISCHARGE
PF6
GPIO70
GPIO70
PF7
GPIO71
MIC_DET
PF8
GPIO72
GPIO72
PF9
GPIO73
GPIO73
PF10
PRT_CTL2_U3
I2S_SDI
PF11
PRT_CTL3_U3
I2S_MCLK
PF12
PRT_CTL4_U3
PRT_CTL4_U3
PF13
PRT_CTL4
PRT_CTL4
PF14
PRT_CTL3
PRT_CTL3
PF15
PRT_CTL2
PRT_CTL2
PF16
PRT_CTL5
PRT_CTL5
PF17
PRT_CTL1
PRT_CTL1
PF18
ALERT0
ALERT0
PF19
-
I2S_SDO
PF20
SPI_CE_N
SPI_CE_N
PF21
SPI_CLK
SPI_CLK
PF22
SPI_D0
SPI_D0
PF23
SPI_D1
SPI_D1
PF24
SPI_D2
SPI_D2
PF25
SPI_D3
SPI_D3
PF26
SLV_I2C_CLK
I2S_SCK
PF27
SLV_I2C_DATA
PRT_CTL6
PF28
PRT_CTL6
I2S_LRCK
PF29
(Note 3-1)
(Note 3-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com