Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7216 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB7216
Description  6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7216 Datasheet(HTML) 1 Page - Microchip Technology

  USB7216 Datasheet HTML 1Page - Microchip Technology USB7216 Datasheet HTML 2Page - Microchip Technology USB7216 Datasheet HTML 3Page - Microchip Technology USB7216 Datasheet HTML 4Page - Microchip Technology USB7216 Datasheet HTML 5Page - Microchip Technology USB7216 Datasheet HTML 6Page - Microchip Technology USB7216 Datasheet HTML 7Page - Microchip Technology USB7216 Datasheet HTML 8Page - Microchip Technology USB7216 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003143B-page 1
USB7216
Highlights
• 6-Port USB Smart Hub with:
- Native USB Gen 2 Type-C® support on
downstream port 1
- Three Standard USB 3.2 Gen 2 downstream ports
- Two Standard USB 2.0 downstream ports
- Internal Hub Feature Controller enables:
-USB to I2C/SPI/I2S/GPIO bridge endpoint support
-USB to internal hub register write and read
• USB Link Power Management (LPM) support
• Programming of firmware image to external SPI
memory device from USB host
• USB-IF Battery Charger revision 1.2 support on
downstream ports (DCP, CDP, SDP)
• Enhanced OEM configuration options available
through either OTP or external SPI memory
• Available in 100-pin (12mm x 12mm) VQFN
RoHS compliant package
• Commercial and industrial grade temperature
support
Target Applications
• Standalone USB Hubs
• Laptop Docks
• PC Motherboards
• PC Monitor Docks
• Multi-function USB 3.2 Gen 2 Peripherals
Key Benefits
• USB 3.2 Gen 2 compliant 10 Gbps, 5 Gbps,
480 Mbps, 12 Mbps, and 1.5Mbps operation
- 5V tolerant USB 2.0 pins
- 1.21V tolerant USB 3.2 Gen 2 pins
- Integrated termination and pull-up/down resistors
• Native USB Type-C Support
- Type-C CC Pin with integrated Rp and Rd resistors
- Integrated multiplexer on USB Type-C enabled
ports. USB 3.2 Gen 2 PHYs are disabled until a
valid Type-C attach is detected, saving idle power.
- Control for external VCONN supply
* USB Type-C® and USB-C® are registered trademarks of USB
Implementers Forum.
• Supports battery charging of most popular battery
powered devices on all ports
- USB-IF Battery Charging rev. 1.2 support
(DCP, CDP, SDP)
- Apple® portable product charger emulation
- Chinese YD/T 1591-2006/2009 charger emulation
- European Union universal mobile charger support
- Supports additional portable devices
• On-chip Microcontroller
- manages I/Os, VBUS, and other signals
• 96kB RAM, 256kB ROM
• 8kB One-Time-Programmable (OTP) ROM
- Includes on-chip charge pump
• Configuration programming via OTP Memory, SPI
external memory, or SMBus
• FlexConnect
- The roles of the upstream and all downstream
ports are reversible on command
• Multi-Host Endpoint Reflector
- Integrated host-controller endpoint reflector via
CDC/NCM device class for automotive applications
• USB Bridging
- USB to I2C, SPI, I2S, and GPIO
• PortSwap
- Configurable USB 2.0 differential pair signal swap
• PHYBoost
- Programmable USB transceiver drive strength for
recovering signal integrity
• VariSense
- Programmable USB receive sensitivity
• USB Power Delivery Billboard Device Support
- Internal port can enumerate as a Power Delivery
Billboard device to communicate Power Delivery
Alternate Mode negotiation failure cases to host
• Compatible with Microsoft Windows 10, 8, 7, XP,
Apple OS X 10.4+, and Linux hub drivers
• Optimized for low-power operation and low ther-
mal dissipation
• 100-pin VQFN package (12mm x 12mm)
6-Port USB 3.2 Gen 2 Type-C® Controller Hub


Similar Part No. - USB7216

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB7216C MICROCHIP-USB7216C Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7216C-I/KDX MICROCHIP-USB7216C-I/KDX Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7216C/KDX MICROCHIP-USB7216C/KDX Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7216CT-I/KDX MICROCHIP-USB7216CT-I/KDX Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7216CT/KDX MICROCHIP-USB7216CT/KDX Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
More results

Similar Description - USB7216

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB7206C MICROCHIP-USB7206C Datasheet
1Mb / 56P
6-Port USB 3.2 Gen 2 Controller Hub
02/28/20
USB7216C MICROCHIP-USB7216C Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252C MICROCHIP-USB7252C Datasheet
1Mb / 63P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB5826 MICROCHIP-USB5826 Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for Dual USB Type-C짰 DFPs
02/28/20
USB5826C MICROCHIP-USB5826C Datasheet
2Mb / 65P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for Dual USB Type-C짰 DFPs
02/28/20
USB7006 MICROCHIP-USB7006 Datasheet
1Mb / 55P
6-Port USB 3.2 Gen 1 Controller Hub
02/28/20
USB7016 MICROCHIP-USB7016 Datasheet
1Mb / 59P
6-Port USB 3.2 Gen 1 Type-C짰 Controller Hub
02/28/20
USB7252 MICROCHIP-USB7252 Datasheet
1Mb / 65P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252P MICROCHIP-USB7252P Datasheet
1Mb / 64P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
02/28/20
USB7016 MICROCHIP-USB7016_V01 Datasheet
771Kb / 60P
6-Port USB 3.2 Gen 1 SmartHubTM Controller
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com