Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7216 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB7216
Description  6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7216 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB7216 Datasheet HTML 11Page - Microchip Technology USB7216 Datasheet HTML 12Page - Microchip Technology USB7216 Datasheet HTML 13Page - Microchip Technology USB7216 Datasheet HTML 14Page - Microchip Technology USB7216 Datasheet HTML 15Page - Microchip Technology USB7216 Datasheet HTML 16Page - Microchip Technology USB7216 Datasheet HTML 17Page - Microchip Technology USB7216 Datasheet HTML 18Page - Microchip Technology USB7216 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003143B-page 15
USB7216
External 25 MHz
Crystal Output
XTALO
OCLK
External 25 MHz crystal output
Float
(only if sin-
gle-ended
clock is
connected
to CLK_IN)
Configuration Straps
Port 6-1 D+
Disable
Configuration
Strap
PRT_DIS_P[6:1]
I
Port 6-1 D+ Disable Configuration Strap.
These configuration straps are used in con-
junction with the corresponding
PRT_DIS_M[6:1] straps to disable the
related port (6-1). See Note 3-10.
Both USB data pins for the corresponding
port must be tied to 3.3V to disable the
associated downstream port.
N/A
Port 6-1 D-
Disable
Configuration
Strap
PRT_DIS_M[6:1]
I
Port 6-1 D- Disable Configuration Strap.
These configuration straps are used in con-
junction with the corresponding
PRT_DIS_P[6:1] straps to disable the
related port (6-1). See Note 3-10.
Both USB data pins for the corresponding
port must be tied to 3.3V to disable the
associated downstream port.
Mandatory
Note 3-9
Non-Removable
Ports
Configuration
Strap
CFG_NON_REM
I
Non-Removable Ports Configuration Strap.
This configuration strap controls the number
of reported non-removable ports. See
Note 3-10 .
Note 3-7
Mandatory if external SPI
memory is not used for
firmware e xe cu tion . If
external SPI memory is
us ed
fo r
firmwa re
ex ec utio n,
the n
configuration strap resistor
should be omitted.
Note 3-7
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description
If Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com