Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7216 Datasheet(PDF) 49 Page - Microchip Technology

Part # USB7216
Description  6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7216 Datasheet(HTML) 49 Page - Microchip Technology

Back Button USB7216 Datasheet HTML 45Page - Microchip Technology USB7216 Datasheet HTML 46Page - Microchip Technology USB7216 Datasheet HTML 47Page - Microchip Technology USB7216 Datasheet HTML 48Page - Microchip Technology USB7216 Datasheet HTML 49Page - Microchip Technology USB7216 Datasheet HTML 50Page - Microchip Technology USB7216 Datasheet HTML 51Page - Microchip Technology USB7216 Datasheet HTML 52Page - Microchip Technology USB7216 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003143B-page 49
USB7216
9.6.10
SPI/SQI MASTER TIMING
This section specifies the SPI/SQI master timing requirements for the device.
FIGURE 9-7:
SPI/SQI MASTER TIMING
TABLE 9-9:
SPI/SQI MASTER TIMING (30 MHZ OPERATION)
Symbol
Description
Min
Typ
Max
Units
tfc
Clock frequency
30
MHz
tceh
Chip enable (
SPI_CE_N) high time
100
ns
tclq
Clock to input data
13
ns
tdh
Input data hold time
0
ns
tos
Output setup time
5
ns
toh
Output hold time
5
ns
tov
Clock to output valid
4
ns
tcel
Chip enable (
SPI_CE_N) low to first clock
12
ns
tceh
Last clock to chip enable (
SPI_CE_N) high
12
ns
TABLE 9-10: SPI/SQI MASTER TIMING (60 MHZ OPERATION)
Symbol
Description
Min
Typ
Max
Units
tfc
Clock frequency
60
MHz
tceh
Chip enable (
SPI_CE_N) high time
50
ns
tclq
Clock to input data
9
ns
tdh
Input data hold time
0
ns
tos
Output setup time
5
ns
toh
Output hold time
5
ns
tov
Clock to output valid
4
ns
tcel
Chip enable (
SPI_CE_N) low to first clock
12
ns
tceh
Last clock to chip enable (
SPI_CE_N) high
12
ns
SPI_CLK
SPI_D[3:0] (in)
SPI_D[3:0] (out)
SPI_CE_N
tcel
tfc
Output
data valid
tclq
tceh
tdh
toh
tos
tov
toh
Output
data valid
Input
data valid
tceh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com