Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7216 Datasheet(PDF) 39 Page - Microchip Technology

Part # USB7216
Description  6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7216 Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB7216 Datasheet HTML 35Page - Microchip Technology USB7216 Datasheet HTML 36Page - Microchip Technology USB7216 Datasheet HTML 37Page - Microchip Technology USB7216 Datasheet HTML 38Page - Microchip Technology USB7216 Datasheet HTML 39Page - Microchip Technology USB7216 Datasheet HTML 40Page - Microchip Technology USB7216 Datasheet HTML 41Page - Microchip Technology USB7216 Datasheet HTML 42Page - Microchip Technology USB7216 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
2018 - 2020 Microchip Technology Inc.
DS00003143B-page 39
USB7216
8.6
Multi-Host Endpoint Reflector
The internal Multi-Host Endpoint Reflector allows for smart-phone automotive mode sessions to be entered on the
downstream ports. The device supports the Multi-Host Endpoint Reflector on downstream ports.
The Multi-Host Endpoint Reflector uses standard Network Control Model (NCM v1.0) device protocol, which is a sub-
class of Communication Device Class (CDC) group of protocols. Standard NCM USB drivers may be utilized; No custom
drivers are required.
A Multi-Host Endpoint Reflector session may be entered on only 1 downstream port at a time. Entry into Multi-Host mode
is initiated via a no data Control USB transfer addressed to the internal Hub Feature Controller device in the hub.
The USB7216 has two internal USB devices. The Multi-Host Endpoint Reflector is a Composite iAP and NCM device.
The Hub Feature Controller is a Generic USB Device Class device which enables the USB bridging functions.
The hub ports which are connected to both the Multi-Host Endpoint Reflector and Hub Feature Controller are both con-
figured as non-removable.
For detailed information on utilizing the multi-host endpoint reflector feature, refer to the application note “USB7202/
USB725x Multi-Host Endpoint Reflector Operation”, which can be found on the Microchip USB7216 product page at
www.microchip.com/USB7216.
8.7
USB to GPIO Bridging
The USB to GPIO bridging feature provides system designers expanded system control and potential BOM reduction.
General Purpose Input/Outputs (GPIOs) may be used for any general 3.3V level digital control and input functions.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Set the direction of the GPIO (input or output)
• Enable a pull-up resistor
• Enable a pull-down resistor
• Read the state
• Set the state
For detailed information on utilizing the USB to GPIO bridging feature, refer to the application note “USB to GPIO Bridg-
ing with Microchip USB7202 and USB725x Hubs”, which can be found on the Microchip USB7216 product page at
www.microchip.com/USB7216.
8.8
USB to I2C Bridging
The USB to I2C bridging feature provides system designers expanded system control and potential BOM reduction. The
use of a separate USB to I2C device is no longer required and a downstream USB port is not lost, as occurs when a
standalone USB to I2C device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Configure I2C Pass-Through Interface
• I2C Write
• I2C Read
For detailed information on utilizing the USB to I2C bridging feature, refer to the application note “USB to I2C Bridging
with Microchip USB7202 and USB725x Hubs”, which can be found on the Microchip USB7216 product page at
www.microchip.com/USB7216.
8.9
USB to SPI Bridging
The USB to SPI bridging feature provides system designers expanded system control and potential BOM reduction. The
use of a separate USB to SPI device is no longer required and a downstream USB port is not lost, as occurs when a
standalone USB to SPI device is implemented.
Commands may be sent from the USB Host to the internal Hub Feature Controller device in the Microchip hub to per-
form the following functions:
• Enable SPI Pass-Through Interface
• SPI Write/Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com