Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB7252
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB7252 Datasheet HTML 15Page - Microchip Technology USB7252 Datasheet HTML 16Page - Microchip Technology USB7252 Datasheet HTML 17Page - Microchip Technology USB7252 Datasheet HTML 18Page - Microchip Technology USB7252 Datasheet HTML 19Page - Microchip Technology USB7252 Datasheet HTML 20Page - Microchip Technology USB7252 Datasheet HTML 21Page - Microchip Technology USB7252 Datasheet HTML 22Page - Microchip Technology USB7252 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
2018 - 2020 Microchip Technology Inc.
DS00002736D-page 19
USB7252
3.3.1
PORT DISABLE CONFIGURATION (
PRT_DIS_P[4:1] / PRT_DIS_M[4:1])
The
PRT_DIS_P[4:1] / PRT_DIS_M[4:1] configuration straps are used in conjunction to disable the related port (4-1)
For
PRT_DIS_Px (where x is the corresponding port 4-1):
0 = Port x D+ Enabled
1 = Port x D+ Disabled
For
PRT_DIS_Mx (where x is the corresponding port 4-1):
0 = Port x D- Enabled
1 = Port x D- Disabled
3.3.2
NON-REMOVABLE PORT CONFIGURATION (
CFG_NON_REM)
The
CFG_NON_REM configuration strap is used to configure the non-removable port settings of the device to one of
five settings. These modes are selected by the configuration of an external resistor on the
CFG_NON_REM pin. The
resistor options are a 200 kΩ pull-down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, and 10 Ω pull-down, as shown
in Table 3-2.
3.3.3
BATTERY CHARGING CONFIGURATION (
CFG_BC_EN)
The
CFG_BC_EN configuration strap is used to configure the battery charging port settings of the device to one of five
settings. These modes are selected by the configuration of an external resistor on the
CFG_BC_EN pin. The resistor
options are a 200 kΩ pull-down, 200 kΩ pull-up, 10 kΩ pull-down, 10 kΩ pull-up, and 10 Ω pull-down, as shown in
Table 3-3.
3.3.4
PF[31:2] CONFIGURATION (CFG_STRAP[2:1])
The USB7252 provides 30 programmable function pins (
PF[31:2]). These pins can be configured to 4 predefined con-
figurations via the
CFG_STRAP[2:1] pins. These configurations are selected via external resistors on the
CFG_STRAP[2:1] pins, as detailed in Table 3-4. Resistor values and combinations not detailed in Table 3-4 are reserved
and should not be used.
Note:
Both
PRT_DIS_Px and PRT_DIS_Mx (where x is the corresponding port) must be tied to 3.3 V to disable
the associated downstream port. Disabling the USB 2.0 port will also disable the corresponding USB 3.0
port.
TABLE 3-2:
CFG_NON_REM RESISTOR ENCODING
CFG_NON_REM Resistor Value
Setting
200 kΩ Pull-Down
All ports removable
200 kΩ Pull-Up
Port 1 non-removable
10 kΩ Pull-Down
Ports 1, 2 non-removable
10 kΩ Pull-Up
Ports 1, 2, 3 non-removable
10 Ω Pull-Down
Ports 1, 2, 3, 4 non-removable
TABLE 3-3:
CFG_BC_EN RESISTOR ENCODING
CFG_BC_EN Resistor Value
Setting
200 kΩ Pull-Down
Battery charging not enable on any port
200 kΩ Pull-Up
BC1.2 DCP and CDP battery charging enabled on Port 1
10 kΩ Pull-Down
BC1.2 DCP and CDP battery charging enabled on Ports 1, 2
10 kΩ Pull-Up
BC1.2 DCP and CDP battery charging enabled on Ports 1, 2, 3
10 Ω Pull-Down
BC1.2 DCP and CDP battery charging enabled on Ports 1, 2, 3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com