Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252 Datasheet(PDF) 7 Page - Microchip Technology

Part # USB7252
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252 Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB7252 Datasheet HTML 3Page - Microchip Technology USB7252 Datasheet HTML 4Page - Microchip Technology USB7252 Datasheet HTML 5Page - Microchip Technology USB7252 Datasheet HTML 6Page - Microchip Technology USB7252 Datasheet HTML 7Page - Microchip Technology USB7252 Datasheet HTML 8Page - Microchip Technology USB7252 Datasheet HTML 9Page - Microchip Technology USB7252 Datasheet HTML 10Page - Microchip Technology USB7252 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
2018 - 2020 Microchip Technology Inc.
DS00002736D-page 7
USB7252
The USB7252 can be configured for operation through internal default settings. Custom OEM configurations are sup-
ported through external SPI ROM or OTP ROM. All port control signal pins are under firmware control in order to allow
for maximum operational flexibility and are available as GPIOs for customer specific use.
The USB7252 is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature ranges. An inter-
nal block diagram of the USB7252 in an upstream Type-C application is shown in Figure 2-1.
FIGURE 2-1:
USB7252 INTERNAL BLOCK DIAGRAM - UPSTREAM TYPE-B APPLICATION
Note:
All port numbering in this document is LOGICAL port numbering with the device in the default configuration.
LOGICAL port numbering is the numbering as communicated to the USB host. It is the end result after any
port number remapping or port disabling. The PHYSICAL port number is the port number with respect to
the physical PHY on the chip. PHYSICAL port numbering is fixed and the settings are not impacted by
LOGICAL port renumbering/remapping. Certain port settings are made with respect to LOGICAL port num-
bering, and other port settings are made with respect to PHYSICAL port numbering. Refer to the “Config-
uration of USB7202/USB7206/USB725x” application note for details on the LOGICAL vs. PHYSICAL
mapping and additional configuration details.
Hub Controller Logic
I
2C/SPI
25 Mhz
USB3 USB2
P4
A
PHY0
+3.3 V
VCORE
P3
A
PHY5
PHY2
PHY5
PHY1
PHY2
B
PHY1
A
PHY3
PHY4
B
PHY3
A
PHY0
P2
C
P1
C
CC
CC
Hub Feature Controller
GPIO SMB
OTP
SPI
I2S
UART
Mux
HFC
PHY
I
2C from Master
P0
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com