Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252 Datasheet(PDF) 61 Page - Microchip Technology

Part # USB7252
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252 Datasheet(HTML) 61 Page - Microchip Technology

Back Button USB7252 Datasheet HTML 57Page - Microchip Technology USB7252 Datasheet HTML 58Page - Microchip Technology USB7252 Datasheet HTML 59Page - Microchip Technology USB7252 Datasheet HTML 60Page - Microchip Technology USB7252 Datasheet HTML 61Page - Microchip Technology USB7252 Datasheet HTML 62Page - Microchip Technology USB7252 Datasheet HTML 63Page - Microchip Technology USB7252 Datasheet HTML 64Page - Microchip Technology USB7252 Datasheet HTML 65Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
2018 - 2020 Microchip Technology Inc.
DS00002736D-page 61
USB7252
Figure 2-1
Updated internal PHY numbering to match
physical port numbering detailed in new
Section 3.4, Physical and Logical Port Map-
ping
Table 3-5, Table 3-6
Updated programmable function pin assign-
ment names from “DP3_DISCHARGE”,
“DP3_VCONN1”, and “DP3_VCONN2” to
“DP2_DISCHARGE”, “DP2_VCONN1”, and
“DP2_VCONN2”, respectively.
Section 9.6.1, Power Supply and
RESET_N Sequence Timing
Clarified section and added links to the rise
time information in Section 9.2, Operating
Conditions**.
Section 9.7.2, External Reference
Clock (CLK_IN)
Clarified first sentence.
Section 9.6.9, I2S Timing
Corrected hyperlink.
DS00002736B (05-15-19)
Cover
Corrected RAM to 96kB.
Section 2.1, General Description
Updated description to clearly indicate num-
ber of USB 3.1 and USB 2.0 ports.
Section 2.1, General Description
Added note detailing logical vs. physical port
numbering.
Table 3-1
• Updated TEST1/TEST2/TEST3 descrip-
tions to indicate they must be pulled-up to
3.3V via a 10 kresistor.
• Updated ATEST description to indicate it
must be left unconnected.
Section 3.3.4, PF[31:2] Configuration
(CFG_STRAP[2:1])
Updated note to indicate CFG_STRAP3 must
be pulled-down to ground via a 200 kresis-
tor.
Section 3.3.4, PF[31:2] Configuration
(CFG_STRAP[2:1])
Corrected PRT_CTLx port number assign-
ments.
Section 9.2, Operating Conditions**
Updated VDD11 operational supply voltage
minimum to 1.09V.
DS00002736A (08-14-18)
All
Initial Release
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com