Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252 Datasheet(PDF) 59 Page - Microchip Technology

Part # USB7252
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252 Datasheet(HTML) 59 Page - Microchip Technology

Back Button USB7252 Datasheet HTML 55Page - Microchip Technology USB7252 Datasheet HTML 56Page - Microchip Technology USB7252 Datasheet HTML 57Page - Microchip Technology USB7252 Datasheet HTML 58Page - Microchip Technology USB7252 Datasheet HTML 59Page - Microchip Technology USB7252 Datasheet HTML 60Page - Microchip Technology USB7252 Datasheet HTML 61Page - Microchip Technology USB7252 Datasheet HTML 62Page - Microchip Technology USB7252 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
2018 - 2020 Microchip Technology Inc.
DS00002736D-page 59
USB7252
APPENDIX A: REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00002736D (10-20-20)
Cover
• Added bullet: “Programming of firmware
image to external SPI memory device
from USB host.”
• Updated “Configuration programming via
OTP ROM...” to “Configuration program-
ming via OTP Memory”
• Updated “Enhanced OEM configuration
options available through either OTP or
SPI ROM” to “Enhanced OEM configura-
tion options available through either OTP
or external SPI memory
• Updated USB Type-CTM to a registered
trademark, USB Type-C®
All
Updated USB 3.1 references to USB 3.2 per
latest USB IF guidelines.
All
Updated SKU features to remove Power
Delivery functionality. Power Delivery function-
ality is supported in the USB7252P.
Table 1-2
Added AIO buffer type.
Section 1.3, Pin Reset States
Added new pin reset state section/table.
Figure 2-1
Modified the block diagram
Section 3.1, Pin Assignments
• Added pin reset states to pin table.
Table 3-1, Pin Descriptions
• Added “If Unused” column and informa-
tion.
• Updated
DP1_VBUS_MON buffer type to
AIO, updated description and figure.
• Updated
DP2_VBUS_MON buffer type to
AIO, updated description and figure.
• Updated
VBUS_MON_UP buffer type to
AIO and updated description
Section 3.3.4, PF[31:2] Configuration
(CFG_STRAP[2:1])
• Updated PF29 assignment.
Table 3-6, Programmable Functions
Descriptions
• Added pin reset states to programmable
function descriptions.
Section 3.0, Pin Descriptions,
Figure 3-1, Table 3-1, Section 9.6.1,
Power Supply and RESET_N
Sequence Timing, Table 9-4
Removed VBUS_DET function (from pin 2).
Section 5.1.7, OTP Configuration
Stage (CFG_OTP)
Added note.
Section 7.1, SPI/SQI Master Interface Added new second paragraph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com