Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB7252 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB7252
Description  4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7252 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB7252 Datasheet HTML 25Page - Microchip Technology USB7252 Datasheet HTML 26Page - Microchip Technology USB7252 Datasheet HTML 27Page - Microchip Technology USB7252 Datasheet HTML 28Page - Microchip Technology USB7252 Datasheet HTML 29Page - Microchip Technology USB7252 Datasheet HTML 30Page - Microchip Technology USB7252 Datasheet HTML 31Page - Microchip Technology USB7252 Datasheet HTML 32Page - Microchip Technology USB7252 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
2018 - 2020 Microchip Technology Inc.
DS00002736D-page 29
USB7252
4.3
SMBus/I2C Connections
Figure 4-3 illustrates the SMBus/I2C connections.
4.4
I2S Connections
Figure 4-4 illustrates the I2S connections.
FIGURE 4-3:
SMBUS/I2C CONNECTIONS
FIGURE 4-4:
I2S CONNECTIONS
+3.3V
USB7252
x_I2C_CLK
x_I2C_DAT
SMBus/I2C
Clock
Data
4.7K
+3.3V
4.7K
USB7252
I2S_LRCK
I2S_SDO
I2S_SD
I2S_MCLK
CODEC
I2S_SCK
+3.3V
I2S
MSTR_I2C_CLK
MSTR_I2C_DAT
I
2C
Audio Jack
MIC_DET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com