Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 3 Page - Linx Technologies

Part # MDEV-868-PRC
Description  HumPRCTM 868MHz Long-Range Handheld Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 3 Page - Linx Technologies

  MDEV-868-PRC Datasheet HTML 1Page - Linx Technologies MDEV-868-PRC Datasheet HTML 2Page - Linx Technologies MDEV-868-PRC Datasheet HTML 3Page - Linx Technologies MDEV-868-PRC Datasheet HTML 4Page - Linx Technologies MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
–
–
1
Description
The OTX-868-HH-LR8-PRC Long-Range
Handheld Transmitter is ideal for general-
purpose remote control and command
applications that require longer transmission
distances. This unit is in conformance with
the European Radio Equipment Directive
(RED) and carries the CE marking, reducing
costs and time to market. Operating in
the 868MHz band, this small remote has
a transmission range of up to 0.8 mile
(1,300m) depending on the receiver antenna
and operating environment.
The transmitter incorporates the HumPRCTM
Series transceiver module. This module
uses an Adaptive Frequency Agility (AFA)
protocol to achieve longer range and higher
noise immunity than narrowband radios. An
automatic acknowledgement LED indicates
the receiver got the transmission.
The transmitter can be configured with 1 to
8 buttons and the keypad, LED and labeling
can be customized. It uses a single 3V CR2032 lithium button cell.
Features
• CE Compliant (RED)
• 1 to 8 buttons
• Small package
• Customizable keypad
Applications
• Long-range remote control
• Keyless entry
• Garage / gate openers
• Lighting control
• Call systems
• Home / industrial automation
PRC Long-Range Handheld Transmitter
Data Guide
Revised 10/2/2017
2
1
3
4
A
B
C
D
ON
ON
ON
ON
FASCO
Lights
Spa
ON
ON
ON
OFF
OFF
OFF
Pool
15.24 mm
(0.60 in)
5.08 mm
(0.20 in)
34.93 mm
(1.38 in)
71.37 mm
(2.81 in)
41.15 mm
(1.62 in)
50.80 mm
(2.00 in)
34.29 mm
(1.35 in)
R 5.08 mm
(0.20 in)
Figure 1: Package Dimensions
Figure 2: With a one-time NRE and minimum
order, Linx can configure the keypad and label
areas to meet your specific requirements.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com