Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-868-PRC Datasheet(PDF) 6 Page - Linx Technologies

Part # MDEV-868-PRC
Description  HumPRCTM 868MHz Long-Range Handheld Transmitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-868-PRC Datasheet(HTML) 6 Page - Linx Technologies

  MDEV-868-PRC Datasheet HTML 1Page - Linx Technologies MDEV-868-PRC Datasheet HTML 2Page - Linx Technologies MDEV-868-PRC Datasheet HTML 3Page - Linx Technologies MDEV-868-PRC Datasheet HTML 4Page - Linx Technologies MDEV-868-PRC Datasheet HTML 5Page - Linx Technologies MDEV-868-PRC Datasheet HTML 6Page - Linx Technologies MDEV-868-PRC Datasheet HTML 7Page - Linx Technologies MDEV-868-PRC Datasheet HTML 8Page - Linx Technologies MDEV-868-PRC Datasheet HTML 9Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
–
–
–
–
6
7
Regulatory Considerations
The handheld transmitter has been tested and conforms to the
requirements of the current Radio Equipment Directive (RED) standards.
The handheld’s test report and Declaration of Conformity (DoC) are
available from Linx Technologies upon request. Reference Guide RG-00111
outlines the test setup and radio configurations that were used in the
testing and certification of this device.
The Handheld Transmitter is an RF transceiver operating in the h1.3 band
(ERC 70-03) using AFA +LBT (Also known as Polite Spectrum Access). It
falls under Equipment Class I (EN 301 489-3 v1.6.1) and Receiver Category
2 (EN 300 220-1 v3.1.1)
It is important to note that the HUM-868-PRO is not declared as an
FHSS system. Rather, it is declared as an RF transceiver using Adaptive
Frequency Agility (AFA). The AFA system uses periodic channel adaptivity
with 70 available channels.
The OTX-868-HH-LR8-PRC transmitter has been tested and conforms to
EN 60950-1:2006 +A11:2009 + A1:2010 + A12:2011 +A2: 2013,
EN 300 220-1 V3.1.1, EN 300 220-2 v3.1.1, EN 301 489-1 V1.9.2, and EN
301 489-3 v1.6.1.
To maintain validity of the Declaration of Conformity (DoC), the transmitter,
including the label, shall not be modified.
The integrator must maintain a copy of the OTX-868-HH-LR8-PRC Data
Guide and ensure that the final product does not exceed the specified
power ratings, antenna specifications, firmware settings, and/or installation
requirements as specified in the data guide.
Depending on the end application, additional testing may be required. The
integrator is solely responsible for ensuring that the final product complies
with all regulatory requirements in the specific country where the end
device is marketed.
All Linx products are designed with the approval process in mind and thus
much of the frustration that is typically experienced with a discrete design
is eliminated. Linx Technologies has aided many customers through the
certification process and we are available to answer any questions and
provide any assistance that is required.
Regulatory Standards Tested
• Operating Frequency - EN 300 220-1 v3.1.1 (2017-02) Section 5.1.2
• Unwanted Emissions in the Spurious Domain - EN 300 220-1 v3.1.1
(2017-02) Section 5.9.2
• Effective Radiated Power - EN 300 220-1 v3.1.1 (2017-02) Section
5.2.2
• Occupied Bandwidth - EN 300 220-1 v3.1.1 (2017-02) Section 5.6.2
• TX out of band Emissions - EN 300 220-1 v3.1.1 (2017-02) Section
5.8.2
• Transient Power - EN 300 220-1 v3.1.1 (2017-02) Section 5.10.2
• TX Behavior under Low Voltage Conditions - EN 300 220-1 v3.1.1
(2017-02) Section 5.12.2
• RX Sensitivity - EN 300 220-1 v3.1.1 (2017-02) Section 5.14.2
• Blocking - EN 300 220-1 v3.1.1 (2017-02) Section 5.14.2
• Clear Channel Assessment Method - EN 300 220-1 v3.1.1 (2017-02)
Section 5.21.2
• Polite Spectrum Access Timing Parameters - EN 300 220-1 v3.1.1
(2017-02) Section 5.21.3
• Adaptive Frequency Agility - EN 300 220-1 v3.1.1 (2017-02) Section
5.21.4
• Indirect ESD, ±2.0 kV and ±4.0 kV (HCP and VCP) - EN 301 489-3
v1.6.1
• Radiated RF EM Field Test - EN301 489-3 v1.6.1
Note: The integrator must ensure compliance of the final product with
the Radio Equipment Directive (RED). A Declaration of Conformity must
be issued for each standard and kept on file as described in the Radio
Equipment Directive.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com